Electronic Components Datasheet Search
Selected language     English  ▼


KK4060B Datasheet(PDF) 2 Page - KODENSHI KOREA CORP.

Part No. KK4060B
Description  14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo 

   
 2 page
background image
KK4060B
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +20
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±10
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
PD
Power Dissipation per Output Transistor
100
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
3.0
18
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KK4020B14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK4024B7 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
CD54HC4060_07High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator 1 2 3 4 5 MoreTexas Instruments
KK4040B12-Stage Binary Ripple Counter High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK74AC174Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK74HC112ADual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK4019BQuad AND/OR Select Gate High-Voltage Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
SN54HC4060_0614-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS 1 2 3 4 5 MoreTexas Instruments
KK74AC175Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK74HC174AHex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl