Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK8040 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK8040
Description  Melody Generator with Accompaniment
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK8040 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK8040 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK8040 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK8040 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK8040 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KK8040
BLOCK DIAGRAM
PIN DESCRIPTION
Pin. No.
Pin Name
Pull-Down
Resistor
Functions
1
OSC1
-
A resistor is connected between both terminals to from a ring
2
OSC2
-
oscillator, or external reference signals are applied to OSC1.
3
TST2
Provided
LSI Test Input/Output.
4
MT
Provided
For binary selection: Controls Start and Stop of Performance.
For direct selection: Selects Melody 1 and Controls Start and Stop of it’s
Performance.
5
SEL2
Provided
For binary selection: this Terminal in Conjunction with SEL1, selects a Melody.
For direct selection: Selects Melody 3 and Controls Start and Stop of it’s
Performance.
6
SEL1
Provided
For binary selection: this Terminal in Conjunction with SEL1, selects a Melody.
For direct selection: Selects Melody 2 and Controls Start and Stop of it’s
Performance.
7
B/E
-
BUSY or END Signal Output Terminal.
8
VSS
-
Power Supply Terminal (0V).
9
TST1
Provided
LSI Test Input.
10
ENV1
-
Connects Resistor and Capacitor to add Envelope to Main Melody.
11
ENV2
-
Connects Resistor and Capacitor to add Envelope to Accompaniment.
12
MO
-
Output Terminal or Acoustic Signals that have not been Amplified.
13
P1
Connects PNP/NPN Transistors, resistors and Capacitors to form
14
OUT1
Provided
a Low-Frequency Linear Amplifier Circuit.
15
OUT2
16
VDD
-
3.0V to 5.0V Operating Voltage
OSCILLATOR
CONTROL
DRIVER
RHYTHM
ROM
MELODY
ROM
ENVELOPE
MIXER
TEMPO ROM
MELODY ROM
ADDRESS
COUNTER
CONTROL ROM
TONE
GENERATOR
RHYTHM
GENERATOR
ENVELOPE
MIXER
ACCOMPANMENT
GENERATOR
OSC1
SEL1
P1
SEL2
OUT1
MT
OUT2
ENV1
MO
B/ E
ENV2
OSC2
2


Similar Part No. - KK8040

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK8048 KODENSHI-KK8048 Datasheet
197Kb / 4P
   Melody Generator with Accompaniment
KK8048D KODENSHI-KK8048D Datasheet
197Kb / 4P
   Melody Generator with Accompaniment
KK8048N KODENSHI-KK8048N Datasheet
197Kb / 4P
   Melody Generator with Accompaniment
More results

Similar Description - KK8040

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK8048 KODENSHI-KK8048 Datasheet
197Kb / 4P
   Melody Generator with Accompaniment
logo
List of Unclassifed Man...
UM3491 ETC2-UM3491 Datasheet
300Kb / 4P
   Melody Generator With Accompaniment
logo
Integral Corp.
BT8040 INTEGRAL-BT8040 Datasheet
207Kb / 4P
   Melody Generator with Accompaniment
BT8048 INTEGRAL-BT8048 Datasheet
179Kb / 4P
   Melody Generator with Accompaniment
logo
List of Unclassifed Man...
BT8031 ETC2-BT8031 Datasheet
266Kb / 2P
   MELODY GENERATOR WITH ACCOMPANEMENT
MMC334 ETC-MMC334 Datasheet
42Kb / 1P
   MELODY GENERATOR
HTC750 ETC-HTC750 Datasheet
149Kb / 6P
   Melody Generator
IZ8057 ETC-IZ8057 Datasheet
72Kb / 7P
   MULTI MELODY GENERATOR WITH ACCOMPANEMENT
logo
Motorola, Inc
MC68HC05F6 MOTOROLA-MC68HC05F6 Datasheet
82Kb / 3P
   MCU with DTMF/melody generator
logo
Micro Electronics
M66 MICRO-ELECTRONICS-M66 Datasheet
50Kb / 2P
   IMPLE MELODY GENERATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com