Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK9151-3N Datasheet(PDF) 7 Page - KODENSHI_AUK CORP.

Part # KK9151-3N
Description  PULSE DIALER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK9151-3N Datasheet(HTML) 7 Page - KODENSHI_AUK CORP.

  KK9151-3N Datasheet HTML 1Page - KODENSHI_AUK CORP. KK9151-3N Datasheet HTML 2Page - KODENSHI_AUK CORP. KK9151-3N Datasheet HTML 3Page - KODENSHI_AUK CORP. KK9151-3N Datasheet HTML 4Page - KODENSHI_AUK CORP. KK9151-3N Datasheet HTML 5Page - KODENSHI_AUK CORP. KK9151-3N Datasheet HTML 6Page - KODENSHI_AUK CORP. KK9151-3N Datasheet HTML 7Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
N SUFFIX PLASTIC DIP
(MS - 001BB)
Symbol
MIN
MAX
A
18.67
19.69
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
2.54
7.62
Dimension, mm
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M
T
-T-
C
1
16
8
9
KK9151-3


Similar Part No. - KK9151-3N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK91531 KODENSHI-KK91531 Datasheet
358Kb / 8P
   PARALLEL INPUT TONE/PULSE DIALER High-Performance Silicon-Gate CMOS
KK91531N KODENSHI-KK91531N Datasheet
358Kb / 8P
   PARALLEL INPUT TONE/PULSE DIALER High-Performance Silicon-Gate CMOS
More results

Similar Description - KK9151-3N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S2560G ETC1-S2560G Datasheet
129Kb / 2P
   Pulse Dialer
logo
Integral Corp.
IL9151-3 INTEGRAL-IL9151-3 Datasheet
268Kb / 7P
   PULSE DIALER
logo
UMC Corporation
UM9151 UMC-UM9151 Datasheet
297Kb / 5P
   PULSE DIALER
UM91210C UMC-UM91210C Datasheet
877Kb / 14P
   TONE/PULSE DIALER
logo
List of Unclassifed Man...
NT91214 ETC1-NT91214 Datasheet
212Kb / 23P
   Tone/Pulse Dialer
logo
UMC Corporation
UM91214 UMC-UM91214 Datasheet
817Kb / 13P
   Tone / Pulse Dialer
logo
Integral Corp.
IL5851 INTEGRAL-IL5851 Datasheet
288Kb / 7P
   PULSE DIALER WITH REDIAL
logo
Sharp Corporation
LR40993 SHARP-LR40993 Datasheet
381Kb / 7P
   Pulse Dialer CMOS LSI
logo
UMC Corporation
UM91611 UMC-UM91611 Datasheet
276Kb / 5P
   10 Memory Pulse Dialer
logo
Sanyo Semicon Device
LC7364J SANYO-LC7364J Datasheet
275Kb / 12P
   DTMF/PULSE Switchable Dialer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com