Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK34262N Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK34262N
Description  Power Factor Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK34262N Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK34262N Datasheet HTML 1Page - KODENSHI_AUK CORP. KK34262N Datasheet HTML 2Page - KODENSHI_AUK CORP. KK34262N Datasheet HTML 3Page - KODENSHI_AUK CORP. KK34262N Datasheet HTML 4Page - KODENSHI_AUK CORP. KK34262N Datasheet HTML 5Page - KODENSHI_AUK CORP. KK34262N Datasheet HTML 6Page - KODENSHI_AUK CORP. KK34262N Datasheet HTML 7Page - KODENSHI_AUK CORP. KK34262N Datasheet HTML 8Page - KODENSHI_AUK CORP. KK34262N Datasheet HTML 9Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KK34262
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Total Power Supply and Zener Current
(Icc + Iz)
30
mA
Output Current, Source or Sink
lo
500
mA
Current Sense, Multiplier, and Voltage Feedback Inputs
Vin
-1.0 to +10
V
Zero Current Detect Input
High State Forward Current
Low State Reverse Current
Iin
50
-10
mA
Power Dissipation and Thermal Characteristics
N Suffix, Plastic Package
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance, Junction-to-Air
D Suffix, Plastic Package
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance, Junction-to-Air
PD
RθJA
PD
RθJA
800
100
450
178
mW
°C/W
mW
0C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
TA
0 to + 85
°C
Storage Temperature
Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (\/cc =12 V, for min/max values TA is the operating ambient
temperature range that applies unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
ERROR AMPLIFIER
Voltage Feedback Input Threshold
TA=25°C
TA = Tlow to Thigh (Vcc = 12 V to 28 V)
VFB
2.465
2.44
2.535
2.54
V
Line Regulation (VCC = 12 V to 28 V, TA = 25°C)
Regline
10
mV
Input Bias Current (VFB = 0 V)
IIB
-0.5
µA
Transconductance (TA = 25°C)
gm
80
130
µmho
Output Current
Source (VFB = 2.3 V)
Sink (VFB = 2.7 V)
lo
µA
Output Voltage Swing
High State (VFB = 2.3 V)
Low State (VFB = 2.7 V)
VOH(ea)
VOL(ea)
5.8
2.4
V


Similar Part No. - KK34262N

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KK3400A LUGUANG-KK3400A Datasheet
3Mb / 3P
   FAST TURN-OFF THYRISTORS
logo
KODENSHI_AUK CORP.
KK34063A KODENSHI-KK34063A Datasheet
238Kb / 11P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
KK34063AD KODENSHI-KK34063AD Datasheet
238Kb / 11P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
KK34063AN KODENSHI-KK34063AN Datasheet
238Kb / 11P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
More results

Similar Description - KK34262N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com