Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25CL64 Datasheet(PDF) 11 Page - Ramtron International Corporation

Part # FM25CL64
Description  64Kb FRAM Serial 3V Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25CL64 Datasheet(HTML) 11 Page - Ramtron International Corporation

Back Button FM25CL64 Datasheet HTML 5Page - Ramtron International Corporation FM25CL64 Datasheet HTML 6Page - Ramtron International Corporation FM25CL64 Datasheet HTML 7Page - Ramtron International Corporation FM25CL64 Datasheet HTML 8Page - Ramtron International Corporation FM25CL64 Datasheet HTML 9Page - Ramtron International Corporation FM25CL64 Datasheet HTML 10Page - Ramtron International Corporation FM25CL64 Datasheet HTML 11Page - Ramtron International Corporation FM25CL64 Datasheet HTML 12Page - Ramtron International Corporation FM25CL64 Datasheet HTML 13Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FM25CL64 - Automotive Temp.
Rev. 3.0
May 2007
Page 11 of 13
Serial Data Bus Timing
1/fCK
tCL
tCH
tCSH
tODV
tOH
tOD
tCSU
tSU
tH
tD
tR
tF
/Hold Timing
Data Retention (VDD = 3.0V to 3.6V unless otherwise specified)
Parameter
Min
Max
Units
Notes
Data Retention
@
TA = 55°C (average)
@
TA = 125°C
17
9000
-
-
Years
Hours
Note: The device is guaranteed to retain data after both conditions have been applied : (1) 17 yrs at an average
temperature of 55
°C and (2) 9000 hrs at 125°C.
Typical Grade 1 Operating Profile
0
200
400
600
800
1000
1200
1400
1600
70
75
80
85
90
95 100 105 110 115 120 125
Temperature (°C)
Typical Grade 1 Storage Profile
0
5000
10000
15000
20000
25000
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
Temperature (°C)


Similar Part No. - FM25CL64

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
7Mb / 28P
   VersaKit-30xx Development System Overview
Rev 2.0
FM25CL64-S RAMTRON-FM25CL64-S Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B Datasheet
509Kb / 14P
   64Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25CL64

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24CL64 ETC-FM24CL64 Datasheet
96Kb / 13P
   64Kb 2.7V-3.6V FRAM Serial Memory
logo
Ramtron International C...
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com