Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24C16A-G Datasheet(PDF) 7 Page - Ramtron International Corporation

Part # FM24C16A-G
Description  16Kb FRAM Serial Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C16A-G Datasheet(HTML) 7 Page - Ramtron International Corporation

Back Button FM24C16A-G Datasheet HTML 3Page - Ramtron International Corporation FM24C16A-G Datasheet HTML 4Page - Ramtron International Corporation FM24C16A-G Datasheet HTML 5Page - Ramtron International Corporation FM24C16A-G Datasheet HTML 6Page - Ramtron International Corporation FM24C16A-G Datasheet HTML 7Page - Ramtron International Corporation FM24C16A-G Datasheet HTML 8Page - Ramtron International Corporation FM24C16A-G Datasheet HTML 9Page - Ramtron International Corporation FM24C16A-G Datasheet HTML 10Page - Ramtron International Corporation FM24C16A-G Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FM24C16A
Rev 3.0
Mar. 2005
Page 7 of 12
The operation is now a current address read. This
operation is illustrated in Figure 9.
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM24C16
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Figure 7. Current Address Read
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM24C16
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Data Byte
A
Acknowledge
Figure 8. Sequential Read
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM24C16
Start
Address
Stop
No
Acknowledge
Data
Data Byte
A
Acknowledge
S
A
Slave Address
0
Word Address
A
Start
Address
Acknowledge
Figure 9. Selective (Random) Read
Endurance
The FM24C16A internally operates with a read and
restore mechanism. Therefore, endurance cycles are
applied for each read or write cycle. The FRAM
architecture is based on an array of rows and
columns. Rows are defined by A10-A3. Each access
causes an endurance cycle for a row. Endurance can
be optimized by ensuring frequently accessed data is
placed in different rows. Regardless, FRAM read and
write endurance is effectively unlimited at the 1MHz
two-wire speed. Even at 3000 accesses per second to
the same row, 10 years time will elapse before 1
trillion endurance cycles occur.


Similar Part No. - FM24C16A-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM24C16A-S ETC1-FM24C16A-S Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
More results

Similar Description - FM24C16A-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25160 ETC-FM25160 Datasheet
638Kb / 14P
   16Kb FRAM Serial Memory
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24CL16 ETC-FM24CL16 Datasheet
90Kb / 13P
   16Kb FRAM Serial 3V Memory
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
   16Kb FRAM Se rial 3V Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com