Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1101 Datasheet(PDF) 3 Page - Power Semiconductors

Part # AR1101
Description  RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AR1101 Datasheet(HTML) 3 Page - Power Semiconductors

  AR1101 Datasheet HTML 1Page - Power Semiconductors AR1101 Datasheet HTML 2Page - Power Semiconductors AR1101 Datasheet HTML 3Page - Power Semiconductors AR1101 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AR1101 RECTIFIER DIODE
FINAL SPECIFICATION
ago 02 - ISSUE : 05
DISSIPATION CHARACTERISTICS
SINE WAVE
180°
120°
90°
60°
30°
0
1000
2000
3000
4000
0
500
1000
1500
2000
2500
3000
IF(AV) [A]
PF(AV) [W]
120°
90°
60°
30°
50
70
90
110
130
150
170
190
0
500
1000
1500
2000
2500
3000
IF(AV) [A]
Th [°C]
180°
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO


Similar Part No. - AR1101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AR1100 MICROCHIP-AR1100 Datasheet
2Mb / 58P
   AR1100 Resistive USB and RS-232 Touch Screen Controller
2011
AR1100-I MICROCHIP-AR1100-I Datasheet
2Mb / 58P
   AR1100 Resistive USB and RS-232 Touch Screen Controller
2011
AR1100-I MICROCHIP-AR1100-I Datasheet
2Mb / 58P
   AR1100 Resistive USB and RS-232 Touch Screen Controller
2011
AR1100-I MICROCHIP-AR1100-I Datasheet
2Mb / 58P
   AR1100 Resistive USB and RS-232 Touch Screen Controller
2011
logo
List of Unclassifed Man...
AR1100-IMQ ETC2-AR1100-IMQ Datasheet
532Kb / 12P
   4.9-5.8 GHz High-Linearity Power Amplifier
More results

Similar Description - AR1101

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com