Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25C160-GA Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # FM25C160-GA
Description  16Kb FRAM Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25C160-GA Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM25C160-GA Datasheet HTML 4Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 5Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 6Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 7Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 8Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 9Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 10Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 11Page - Ramtron International Corporation FM25C160-GA Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FM25C160 - Automotive Temp.
Rev. 3.1
July 2007
Page 8 of 13
Figure 9. Memory Write
Figure 10. Memory Read
Endurance
Internally, a FRAM operates with a read and restore
mechanism
similar
to
a
DRAM.
Therefore,
endurance cycles are applied for each access: read or
write. The FRAM architecture is based on an array of
rows and columns. Each access causes an endurance
cycle for an entire row. Therefore, data locations
targeted for substantially differing numbers of cycles
should not be located within the same row. In the
FM25C160, there are 512 rows each 32 bits wide.
Regardless, FRAM read and write endurance is
effectively unlimited at the 15 MHz clock speed.
Even at 2000 accesses per second to the same row, 15
years time will elapse before 10
12 endurance cycles
occur.


Similar Part No. - FM25C160-GA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25C160-S ETC1-FM25C160-S Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results

Similar Description - FM25C160-GA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25160 ETC-FM25160 Datasheet
638Kb / 14P
   16Kb FRAM Serial Memory
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24CL16 ETC-FM24CL16 Datasheet
90Kb / 13P
   16Kb FRAM Serial 3V Memory
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
   16Kb FRAM Se rial 3V Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com