Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK91214B Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # KK91214B
Description  Tone/Pulse Dialer with Flash Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK91214B Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  KK91214B Datasheet HTML 1Page - KODENSHI_AUK CORP. KK91214B Datasheet HTML 2Page - KODENSHI_AUK CORP. KK91214B Datasheet HTML 3Page - KODENSHI_AUK CORP. KK91214B Datasheet HTML 4Page - KODENSHI_AUK CORP. KK91214B Datasheet HTML 5Page - KODENSHI_AUK CORP. KK91214B Datasheet HTML 6Page - KODENSHI_AUK CORP. KK91214B Datasheet HTML 7Page - KODENSHI_AUK CORP. KK91214B Datasheet HTML 8Page - KODENSHI_AUK CORP. KK91214B Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC characteristics
(VDD = 3.5 V, VSS = 0 V, FOSC = 3.579 МHz, T = 25
OC, unless otherwise specified)
Condition
Parameter
Symbol
Min.
Typ
Max.
Dialing speed,
pps
33.3
10
M/B=1/2
Make time, мs
TM
16.7
20
M/B=1/2
66.6
10
M/B=1/2
Break time, мs
ТВ
33.3
20
M/B=1/2
824
10 pps
Inter-digit pause time, мs
TIDP
458
20 pps
Pause time, s
TPAU
2.2
Auto-redial break time, s
TAOBK
2.2
Delay time key valid to signal out,
мs
TD
0
Key-in debounce, мs
TKD
21
Key-in tone duration, мs
TKTD
23
Key-in tone frequency, Hz
FKT
437
Minimal tone duration time, мs
TMFD
94
Minimum tone inter-digit pause, мs
TTIDP
96
Redial tone duration, мs
TMFDR
94
Redial tone inter-digit duration, мs
TTIDPR
96
Values of generated frequencies
R/C
Frequency
Error, %
Unit
Conditions
R1
697
+ 0.31
Hz
R2
770
+ 0.19
Hz
R3
852
+ 0.03
Hz
R4
941
+ 0.10
Hz
С1
1.209
+ 0.57
Hz
С2
1.336
- 0.32
Hz
С3
1.477
- 0.35
Hz
FOSC = 3.579 МHz
Absolute maximum ratings
Parameter
Absolute maximum value
Supply voltage
Input voltage
Output voltage
Output voltage
(DP, XMIT MUTE).
Tone output current
Power dissipation
Storage temperature
VDD
VIN
VOUT
VOUT
ITONE
PD
TSTG
≤ 6.0V
VSS-0.3V ~ VDD+0.3V
VSS-0.3V ~ VDD+0.3V
≤1.2V
≤ 50 мА
≤ 500 мW
-40ОС ~ +125ОС
KK91214A, KK91214B


Similar Part No. - KK91214B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK91210E KODENSHI-KK91210E Datasheet
458Kb / 11P
   Tone/Pulse Dialer High-Performance Silicon-Gate CMOS
KK91210EN KODENSHI-KK91210EN Datasheet
458Kb / 11P
   Tone/Pulse Dialer High-Performance Silicon-Gate CMOS
More results

Similar Description - KK91214B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL91214 INTEGRAL-IL91214 Datasheet
1,008Kb / 11P
   Tone/Pulse Dialer with Flash Function
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
   TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91410 WINBOND-W91410 Datasheet
210Kb / 12P
   TONE/PULSE DIALER WITH SAVE FUNCTION
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Winbond
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com