Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1107 Datasheet(PDF) 4 Page - Power Semiconductors

Part # AR1107
Description  RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AR1107 Datasheet(HTML) 4 Page - Power Semiconductors

  AR1107 Datasheet HTML 1Page - Power Semiconductors AR1107 Datasheet HTML 2Page - Power Semiconductors AR1107 Datasheet HTML 3Page - Power Semiconductors AR1107 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AR1107 RECTIFIER DIODE
FINAL SPECIFICATION nov 02 - ISSUE : 05
Distributed by
FORWARD CHARACTERISTIC
Tj = 150 °C
0
500
1000
1500
2000
2500
3000
3500
4000
0.6
1.1
1.6
2.1
2.6
Forward Voltage [V]
TRANSIENT THERMAL IMPEDANCE
DOUBLE SIDE COOLED
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0.001
0.01
0.1
1
10
100
t[s]
SURGE CHARACTERISTIC
Tj = 150 °C
0
2
4
6
8
10
12
14
16
1
10
100
n° cycles
All the characteristics given in this data sheet are guaranteed only with uniform
clamping force, cleaned and lubricated heatsink, surfaces with flatness < .03 mm
and roughness < 2 µm.
In the interest of product improvement POSEICO SpA reserves the right to change
any data given in this data sheet at any time without previous notice.
If not stated otherwise the maximum value of ratings (simbols over shaded
background) and characteristics is reported.
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO


Similar Part No. - AR1107

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AR1100 MICROCHIP-AR1100 Datasheet
2Mb / 58P
   AR1100 Resistive USB and RS-232 Touch Screen Controller
2011
AR1100-I MICROCHIP-AR1100-I Datasheet
2Mb / 58P
   AR1100 Resistive USB and RS-232 Touch Screen Controller
2011
AR1100-I MICROCHIP-AR1100-I Datasheet
2Mb / 58P
   AR1100 Resistive USB and RS-232 Touch Screen Controller
2011
AR1100-I MICROCHIP-AR1100-I Datasheet
2Mb / 58P
   AR1100 Resistive USB and RS-232 Touch Screen Controller
2011
logo
List of Unclassifed Man...
AR1100-IMQ ETC2-AR1100-IMQ Datasheet
532Kb / 12P
   4.9-5.8 GHz High-Linearity Power Amplifier
More results

Similar Description - AR1107

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com