Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRS51L1050-25-P Datasheet(PDF) 3 Page - Ramtron International Corporation

Part # VRS51L1050-25-P
Description  Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

VRS51L1050-25-P Datasheet(HTML) 3 Page - Ramtron International Corporation

  VRS51L1050-25-P Datasheet HTML 1Page - Ramtron International Corporation VRS51L1050-25-P Datasheet HTML 2Page - Ramtron International Corporation VRS51L1050-25-P Datasheet HTML 3Page - Ramtron International Corporation VRS51L1050-25-P Datasheet HTML 4Page - Ramtron International Corporation VRS51L1050-25-P Datasheet HTML 5Page - Ramtron International Corporation VRS51L1050-25-P Datasheet HTML 6Page - Ramtron International Corporation VRS51L1050-25-P Datasheet HTML 7Page - Ramtron International Corporation VRS51L1050-25-P Datasheet HTML 8Page - Ramtron International Corporation VRS51L1050-25-P Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
VRS51L1050
______________________________________________________________________________________________
www.ramtron.com
page 3 of 49
VRS51L1050 DIP-40 Pin Descriptions
TABLE 2: VRS51L1050 PIN DESCRIPTIONS FOR DIP40 PACKAGE
DIP40
Name
I/O
Function
T2
I
Timer 2 Clock Out
1
P1.0
I/O
Bit 0 of Port 1
T2EX
I
Timer 2 Control
2
P1.1
I/O
Bit 1 of Port 1
PWM0
PWM Channel 0
3
P1.2
I/O
Bit 2 of Port 1
PWM1
O
PWM Channel 1
4
P1.3
I/O
Bit 3 of Port 1
5
P1.4
I/O
Bit 4 of Port 1
6
P1.5
I/O
Bit 5 of Port 1
SCL
O
I²C SCL
7
P1.6
I/O
Bit 6 of Port 1
SDA
O
I²C SDA
8
P1.7
I/O
Bit 7 of Port 1
9
RESET
I
Reset
RXD
I
Receive Data
10
P3.0
I/O
Bit 0 of Port 3
TXD
O
Transmit Data &
11
P3.1
I/O
Bit 1 of Port 3
#INT0
I
External Interrupt 0
12
P3.2
I/O
Bit 2 of Port 3
#INT1
I
External Interrupt 1
13
P3.3
I/O
Bit 3 of Port 3
T0
I
Timer 0
14
P3.4
I/O
Bit 4 of Port 3
T1
I
Timer 1 & 3
15
P3.5
I/O
Bit 5 of Port
#WR
O
Ext. Memory Write
16
P3.6
I/O
Bit 6 of Port 3
#RD
O
Ext. Memory Read
17
P3.7
I/O
Bit 7 of Port 3
18
XTAL2
O
Oscillator/Crystal Output
19
XTAL1
I
Oscillator/Crystal In
20
VSS
-
Ground
T2 / P1.0
T2EX / P1.1
PWM0 / P1.2
PWM1 / P1.3
P1.4
P1.5
SCL / P1.6
SDA / P1.7
RESET
RXD / P3.0
TXD / P3.1
#INT0 / P3.2
#INT1 / P3.3
T0 / P3.4
T1 / P3.5
#WR / P3.6
#RD / P3.7
XTAL2
XTAL1
VSS
VRS51L1050
DIP-40
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VDD
P0.0 / AD0
P0.1 / AD1
P0.2 / AD2
P0.3 / AD3
P0.4 / AD4
P0.5 / AD5
P0.6 / AD6
P0.7 / AD7
#EA / VPP
ALE
PSEN
P2.7 / A15
P2.6 / A14
P2.5 / A13
P2.4 / A12
P2.3 / A11
P2.2 / A10
P2.1 / A9
P2.0 / A8
DIP40
Name
I/O
Function
P2.0
I/O
Bit 0 of Port 2
21
A8
O
Bit 8 of External Memory Address
P2.1
I/O
Bit 1 of Port 2
22
A9
O
Bit 9 of External Memory Address
P2.2
I/O
Bit 2 of Port 2
23
A10
O
Bit 10 of External Memory Address
P2.3
I/O
Bit 3 of Port 2 &
24
A11
O
Bit 11 of External Memory Address
P2.4
I/O
Bit 4 of Port 2
25
A12
O
Bit 12 of External Memory Address
P2.5
I/O
Bit 5 of Port 2
26
A13
O
Bit 13 of External Memory Address
P2.6
I/O
Bit 6 of Port 2
27
A14
O
Bit 14 of External Memory Address
P2.7
I/O
Bit 7 of Port 2
28
A15
O
Bit 15 of External Memory Address
29
#PSEN
O
Program Store Enable
30
ALE
O
Address Latch Enable
31
#EA /
VPP
I
External Access
Flash programming voltage input
P0.7
I/O
Bit 7 Of Port 0
32
AD7
I/O
Data/Address Bit 7 of External
Memory
P0.6
I/O
Bit 6 of Port 0
33
AD6
I/O
Data/Address Bit 6 of External
Memory
P0.5
I/O
Bit 5 of Port 0
34
AD5
I/O
Data/Address Bit 5 of External
Memory
P0.4
I/O
Bit 4 of Port 0
35
AD4
I/O
Data/Address Bit 4 of External
Memory
P0.3
I/O
Bit 3 Of Port 0
36
AD3
I/O
Data/Address Bit 3 of External
Memory
P0.2
I/O
Bit 2 of Port 0
37
AD2
I/O
Data/Address Bit 2 of External
Memory
P0. 1
I/O
Bit 1 of Port 0 & Data
38
AD1
I/O
Address Bit 1 of External Memory
P0.0
I/O
Bit 0 Of Port 0 & Data
39
AD0
I/O
Address Bit 0 of External Memory
40
VDD
-
Supply input


Similar Part No. - VRS51L1050-25-P

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
7Mb / 28P
   VersaKit-30xx Development System Overview
Rev 2.0
VRS51L2070-40-QG RAMTRON-VRS51L2070-40-QG Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
VRS51L3072 RAMTRON-VRS51L3072 Datasheet
122Kb / 1P
   High-Performance 8051 MCU 2KB FRAM
VRS51L3074 RAMTRON-VRS51L3074 Datasheet
167Kb / 1P
   FRAM Enhanced High Performance 8051 MCU
More results

Similar Description - VRS51L1050-25-P

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
C8051F042 ETC-C8051F042 Datasheet
191Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F040 ETC-C8051F040 Datasheet
190Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F041 ETC-C8051F041 Datasheet
191Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F043 ETC-C8051F043 Datasheet
190Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
VRS51X570 ETC1-VRS51X570 Datasheet
2Mb / 49P
   Versa 8051 MCUs with 32/64KB
C8051F022 ETC-C8051F022 Datasheet
51Kb / 2P
   Mixed-Signal 64KB ISP FLASH MCU
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com