Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRS51C1000-40-PG-ISPV2 Datasheet(PDF) 5 Page - Ramtron International Corporation

Part # VRS51C1000-40-PG-ISPV2
Description  Versa 8051 MCU with 64KB of IAP/ISP Flash
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

VRS51C1000-40-PG-ISPV2 Datasheet(HTML) 5 Page - Ramtron International Corporation

  VRS51C1000-40-PG-ISPV2 Datasheet HTML 1Page - Ramtron International Corporation VRS51C1000-40-PG-ISPV2 Datasheet HTML 2Page - Ramtron International Corporation VRS51C1000-40-PG-ISPV2 Datasheet HTML 3Page - Ramtron International Corporation VRS51C1000-40-PG-ISPV2 Datasheet HTML 4Page - Ramtron International Corporation VRS51C1000-40-PG-ISPV2 Datasheet HTML 5Page - Ramtron International Corporation VRS51C1000-40-PG-ISPV2 Datasheet HTML 6Page - Ramtron International Corporation VRS51C1000-40-PG-ISPV2 Datasheet HTML 7Page - Ramtron International Corporation VRS51C1000-40-PG-ISPV2 Datasheet HTML 8Page - Ramtron International Corporation VRS51C1000-40-PG-ISPV2 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
VRS51C1000
______________________________________________________________________________________________
www.ramtron.com
page 5 of 48
Special Function Registers (SFR)
Addresses 80h to FFh of the SFR address space can be accessed in direct addressing mode only. The following table
lists the VRS51C1000 Special Function Registers.
TABLE 5: SPECIAL FUNCTION REGISTERS (SFR)
SFR
Register
SFR
Adrs
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Value
P0
80h
-
-
-
-
-
-
-
-
1111 1111b
SP
81h
-
-
-
-
-
-
-
-
0000 0111b
DPL
82h
-
-
-
-
-
-
-
-
0000 0000b
DPH
83h
-
-
-
-
-
-
-
-
0000 0000b
RCON
85h
-
-
-
-
-
-
RAMS1
RAMS0
0000 0000b
DBANK
86h
BSE
-
-
-
BS3
BS2
BS1
BS0
0000 0001b
PCON
87h
SMOD
-
-
-
GF1
GF0
PDOWN
IDLE
0000 0000b
TCON
88h
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
0000 0010b
TMOD
89h
GATE1
C/T1
M1.1
M0.1
GATE0
C/T0
M1.0
M0.0
0000 0000b
TL0
8Ah
-
-
-
-
-
-
-
-
0000 0000b
TL1
8Bh
-
-
-
-
-
-
-
-
0000 0000b
TH0
8Ch
-
-
-
-
-
-
-
-
0000 0000b
TH1
8Dh
-
-
-
-
-
-
-
-
0000 0000b
P1
90h
-
-
-
-
-
-
-
-
1111 1111b
SCON
98h
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
0000 0000b
SBUF
99h
-
-
-
-
-
-
-
-
0111 1111b
PWME
9Bh
PWM4E
PWM3E
PWM2E
PWM1E
PWM0E
-
-
-
0000 0000b
WDTC
9Fh
WDTE
-
CLEAR
-
-
PS2
PS1
PS0
0000 0000b
P2
A0h
-
-
-
-
-
-
-
-
1111 1111b
PWMC
A3h
-
-
-
-
-
-
PDCK1
PDCK0
0000 0000b
PWMD0
A4h
PWMD0.4
PWMD0.3
PWMD0.2
PWMD0.1
PWMD0.0
NP0.2
NP0.1
NP0.0
0000 0000b
PWMD1
A5h
PWMD1.4
PWMD1.3
PWMD1.2
PWMD1.1
PWMD1.0
NP1.2
NP1.1
NP1.0
0000 0000b
PWMD2
A6h
PWMD2.4
PWMD2.3
PWMD2.2
PWMD2.1
PWMD2.0
NP2.2
NP2.1
NP2.0
0000 0000b
PWMD3
A7h
PWMD3.4
PWMD3.3
PWMD3.2
PWMD3.1
PWMD3.0
NP3.2
NP3.1
NP3.0
0000 0000b
IE
A8h
EA
-
ET2
ES
ET1
EX1
ET0
EX0
0000 0000b
PWMD4
ACh
PWMD4.4
PWMD4.3
PWMD4.2
PWMD4.1
PWMD4.0
NP4.2
NP4.1
NP4.0
0000 0000b
P3
B0h
-
-
-
-
-
-
-
-
1111 1011b
IP
B8h
-
-
PT2
PS
PT1
PX1
PT0
PX0
0000 0000b
SYSCON
BFh
WDR
-
-
-
-
IAPE
XRAME
ALEI
0000 1010b
T2CON
C8h
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
0000 0000b
RCAP2L
CAh
-
-
-
-
-
-
-
-
0000 0000b
RCAP2H
CBh
-
-
-
-
-
-
-
-
0000 0000b
TL2
CCh
-
-
-
-
-
-
-
-
0000 0000b
TH2
CDh
0000 0000b
PSW
D0h
CY
AC
F0
RS1
RS0
OV
-
P
0000 0001b
P4
D8h
-
-
-
-
P4.3
P4.2
P4.1
P4.0
****1111b
ACC
E0h
-
-
-
-
-
-
-
-
B
F0h
-
-
-
-
-
-
-
-
0000 0000b
IAPFADHI
F4h
FA15
FA14
FA13
FA12
FA11
FA10
FA9
FA8
0000 0000b
IAPFADLO
F5h
FA7
FA6
FA5
FA4
FA3
FA2
FA1
FA0
0000 0000b
IAPFDATA
F6h
FD7
FD6
FD5
FD4
FD3
FD2
FD1
FD0
0000 0000b
IAPFCTRL
F7h
IAPSTART
IAPFCT
1
IAPFCT
0
0000 0000b


Similar Part No. - VRS51C1000-40-PG-ISPV2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51C1100-40-L ETC1-VRS51C1100-40-L Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51C1100-40-LG ETC1-VRS51C1100-40-LG Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51C1100-40-P ETC1-VRS51C1100-40-P Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51C1100-40-PG ETC1-VRS51C1100-40-PG Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
More results

Similar Description - VRS51C1000-40-PG-ISPV2

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51C1100 ETC1-VRS51C1100 Datasheet
2Mb / 50P
   Versa 8051 MCU with 128KB of IAP/ISP Flash
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
C8051F042 ETC-C8051F042 Datasheet
191Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F040 ETC-C8051F040 Datasheet
190Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F041 ETC-C8051F041 Datasheet
191Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F043 ETC-C8051F043 Datasheet
190Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
VRS51X570 ETC1-VRS51X570 Datasheet
2Mb / 49P
   Versa 8051 MCUs with 32/64KB
C8051F022 ETC-C8051F022 Datasheet
51Kb / 2P
   Mixed-Signal 64KB ISP FLASH MCU
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com