Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6CWQ06FNPBF Datasheet(PDF) 1 Page - International Rectifier

Part # 6CWQ06FNPBF
Description  SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6CWQ06FNPBF Datasheet(HTML) 1 Page - International Rectifier

  6CWQ06FNPBF Datasheet HTML 1Page - International Rectifier 6CWQ06FNPBF Datasheet HTML 2Page - International Rectifier 6CWQ06FNPBF Datasheet HTML 3Page - International Rectifier 6CWQ06FNPBF Datasheet HTML 4Page - International Rectifier 6CWQ06FNPBF Datasheet HTML 5Page - International Rectifier 6CWQ06FNPBF Datasheet HTML 6Page - International Rectifier 6CWQ06FNPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCHOTTKY RECTIFIER
7 Amp
6CWQ06FNPbF
www.irf.com
1
Bulletin PD-21058 rev. B 07/06
Major Ratings and Characteristics
I
F(AV) Rectangular
7
A
waveform
V
RRM
60
V
I
FSM @ tp = 5 μs sine
490
A
V
F
@3 Apk, T
J = 25°C
0.61
V
(per leg)
T
J
range
- 40 to 150
°C
Characteristics
Values
Units
Description/ Features
The 6CWQ06FNPbF surface mount, center tap, Schottky
rectifier series has been designed for applications requiring
low forward drop and small foot prints on PC board. Typical
applications are in disk drives, switching power supplies,
converters, free-wheeling diodes, battery charging, and re-
verse battery protection.
Popular D-PAK outline
Center tap configuration
Small foot print, surface mountable
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
Lead-Free ("PbF" suffix)
IF(AV) = 7Amp
VR = 60V
Case Styles
D-PAK (TO-252AA)
Anode
1
3
4
Anode
2
Base
Common
Cathode
Common
Cathode


Similar Part No. - 6CWQ06FNPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWQ06FNPBF VISHAY-6CWQ06FNPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
6CWQ06FNPBF VISHAY-6CWQ06FNPBF_11 Datasheet
146Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 14-Jan-11
More results

Similar Description - 6CWQ06FNPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
6CWQ04FNPBF IRF-6CWQ04FNPBF Datasheet
177Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 40V
MBR1635PBF IRF-MBR1635PBF Datasheet
183Kb / 6P
   SCHOTTKY RECTIFIER 16 Amp (IF(AV) = 16Amp , VR = 35-45V )
MUR3020WT IRF-MUR3020WT Datasheet
167Kb / 7P
   Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
MURB1520PBF IRF-MURB1520PBF Datasheet
216Kb / 10P
   Ultrafast Rectifier ( trr = 35ns , IF(AV) = 15Amp , VR = 200V )
6CWQ10FNPBF IRF-6CWQ10FNPBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp
logo
Micro Commercial Compon...
SB220 MCC-SB220 Datasheet
227Kb / 3P
   2 Amp Schottky Rectifier 20V-60V
logo
International Rectifier
75SLQ060 IRF-75SLQ060 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 75 Amp, 60V
logo
Solid States Devices, I...
SSR2040CT-5 SSDI-SSR2040CT-5 Datasheet
178Kb / 2P
   7 AMP 45 VOLTS CENTERTAP SCHOTTKY RECTIFIER
logo
PFC Device Inc.
SS36B PFC-SS36B Datasheet
762Kb / 5P
   3A 60V Schottky Rectifier
logo
Unisonic Technologies
SK86 UTC-SK86 Datasheet
114Kb / 3P
   8A, 60V SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com