Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6CWQ04FNTRLPBF Datasheet(PDF) 7 Page - International Rectifier

Part # 6CWQ04FNTRLPBF
Description  SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 40V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6CWQ04FNTRLPBF Datasheet(HTML) 7 Page - International Rectifier

  6CWQ04FNTRLPBF Datasheet HTML 1Page - International Rectifier 6CWQ04FNTRLPBF Datasheet HTML 2Page - International Rectifier 6CWQ04FNTRLPBF Datasheet HTML 3Page - International Rectifier 6CWQ04FNTRLPBF Datasheet HTML 4Page - International Rectifier 6CWQ04FNTRLPBF Datasheet HTML 5Page - International Rectifier 6CWQ04FNTRLPBF Datasheet HTML 6Page - International Rectifier 6CWQ04FNTRLPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
6CWQ04FNPbF
7
Bulletin PD-21057 rev. B 07/06
www.irf.com
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 07/06
Data and specifications subject to change without notice.
This product has been designed and qualified for AEC Q101 Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
6
C
W
Q
04
FN TRL PbF
Device Code
1
5
2
4
3
6
1
-
Current Rating (7A)
2
-
CenterTapConfiguration-
3
-
Package Identifier
4
W = D-Pak
4
-
Schottky "Q" Series
5
-
Voltage Rating (04 = 40V)
6
-
FN = TO-252AA (D-Pak)
7
-
none = Tube (50 pieces)
TR = Tape & Reel
TRL = Tape & Reel (Left Oriented)
TRR = Tape & Reel (Right Oriented)
8
-
none = Standard Production
PbF = Lead-Free
7
8


Similar Part No. - 6CWQ04FNTRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWQ04FNTRLPBF VISHAY-6CWQ04FNTRLPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
More results

Similar Description - 6CWQ04FNTRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
6CWQ06FNPBF IRF-6CWQ06FNPBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V
MBR1635PBF IRF-MBR1635PBF Datasheet
183Kb / 6P
   SCHOTTKY RECTIFIER 16 Amp (IF(AV) = 16Amp , VR = 35-45V )
MUR3020WT IRF-MUR3020WT Datasheet
167Kb / 7P
   Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
MURB1520PBF IRF-MURB1520PBF Datasheet
216Kb / 10P
   Ultrafast Rectifier ( trr = 35ns , IF(AV) = 15Amp , VR = 200V )
6CWQ10FNPBF IRF-6CWQ10FNPBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp
logo
Solid States Devices, I...
SSR2040CT-5 SSDI-SSR2040CT-5 Datasheet
178Kb / 2P
   7 AMP 45 VOLTS CENTERTAP SCHOTTKY RECTIFIER
logo
Unisonic Technologies
SK54 UTC-SK54 Datasheet
115Kb / 3P
   5A, 40V SCHOTTKY RECTIFIER
logo
SeCoS Halbleitertechnol...
SCD12L SECOS-SCD12L Datasheet
218Kb / 2P
   VOLTAGE 20V ~ 40V 1.0 AMP Low Vf Schottky Barrier Rectifier s
logo
PFC Device Inc.
P3L40A PFC-P3L40A Datasheet
690Kb / 5P
   3A 40V MOS Schottky Rectifier
PFS5A40 PFC-PFS5A40 Datasheet
563Kb / 5P
   5A 40V MOS Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com