Part Name
         Description
KKX232-3.3

 Interface transceiver of RS-232 standard with one supply voltage ( 7 Page)


KODENSHI
100% 
Zoom Out Zoom In
   
 6 page
background image
+3 V
t
PLHT
t
PHLT
Tin
1.5 V
1.5 V
0 V
V
OL
V
OH
Tout
1.5 V
1.5 V
Figure 4
SHL
t
Tin
Tout
+3 V
-3 V
SLH
t
-3 V
+3 V
Figure 5
T
OUT
T
IN
Control
strobe
t
W
t
W
t
W
t
W
Figure 6
6
KKX232-3.3
1  2  3  4  5  6  7 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KKX232Interface transceiver of RS-232 standard with one supply voltage 1 2 3 4 5 MoreKODENSHI KOREA CORP.
SN74AVCA16424516 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ISL6423BSingle Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
MAX33253V Dual RS-232 Transceiver with LCD Supply and Contrast Controller 1 2 3 4 5 MoreMaxim Integrated Products
SN74AVCH20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ISL6421A_06Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6422Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
MAX3386E_06RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE 1 2 3 4 5 MoreTexas Instruments
M45PE80_068 Mbit low voltage Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface 1 2 3 4 5 MoreSTMicroelectronics
A25L20P2Mbit / 1Mbit / 512Kbit Low Voltage Serial Flash Memory With 85MHz SPI Bus Interface 1 2 3 4 5 MoreAMIC Technology

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl