Part Name
         Description
KKX232-3.3

 Interface transceiver of RS-232 standard with one supply voltage ( 7 Page)


KODENSHI
100% 
Zoom Out Zoom In
   
 2 page
background image
KKX232-3.3
Table of pin description
Pin No.
Symbol
Pin name
01
C1+
Output of external capacitance of positive voltage multiplier unit
02
V+
Output of positive voltage of multiplier unit
03
C1-
Output of external capacitance of positive voltage multiplier unit
04
C2+
Output of external capacitance of negative voltage multiplier unit
05
C2-
Output of external capacitance of negative voltage multiplier unit
06
V-
Output of negative voltage of multiplier unit
07
T2OUT
Output of transmitter data (levels RS – 232)
08
R2IN
Input of receiver data (levels RS – 232)
09
R2OUT
Output of receiver data (levels TTL/KMOS)
10
T2IN
Input of transmitter data (levels TTL/KMOS)
11
T1IN
Input of transmitter data (levels TTL/KMOS)
12
R1OUT
Output of receiver data (levels TTL/KMOS)
13
R1IN
Input of receiver data (levels RS – 232)
14
T1OUT
Output of transmitter data (levels RS – 232)
15
GND
Common output
16
VCC
Supply output of voltage source
Maximum conditions
Rate
Symbol
Parameter
min
max
Unit
VCC
Supply voltage
-0.3
6.0
V
V+
Transmitter high output voltage
VCC -0.3
14
V-
Transmitter low output voltage
-0.3
-14
VTIN
Transmitter input voltage
-0.3
V+ +0.3
VRIN
Receiver input voltage
-30
30
PD
Dissipated power
DIP – package
SO - package
-
842
762
mW
ISC
Output current of transmitter short circuit
-
Continu-
ously
mA
Та
Ambient temperature
-60
150
ОС
2
1  2  3  4  5  6  7 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KKX232Interface transceiver of RS-232 standard with one supply voltage 1 2 3 4 5 MoreKODENSHI KOREA CORP.
SN74AVCA16424516 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ISL6423BSingle Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
MAX33253V Dual RS-232 Transceiver with LCD Supply and Contrast Controller 1 2 3 4 5 MoreMaxim Integrated Products
SN74AVCH20T24520 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ISL6421A_06Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6422Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
MAX3386E_06RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE 1 2 3 4 5 MoreTexas Instruments
M45PE80_068 Mbit low voltage Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface 1 2 3 4 5 MoreSTMicroelectronics
A25L20P2Mbit / 1Mbit / 512Kbit Low Voltage Serial Flash Memory With 85MHz SPI Bus Interface 1 2 3 4 5 MoreAMIC Technology

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl