Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57871 Datasheet(PDF) 10 Page - EPCOS

Part # B57871
Description  NTC thermistors for temperature measurement
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57871 Datasheet(HTML) 10 Page - EPCOS

Back Button B57871 Datasheet HTML 6Page - EPCOS B57871 Datasheet HTML 7Page - EPCOS B57871 Datasheet HTML 8Page - EPCOS B57871 Datasheet HTML 9Page - EPCOS B57871 Datasheet HTML 10Page - EPCOS B57871 Datasheet HTML 11Page - EPCOS B57871 Datasheet HTML 12Page - EPCOS B57871 Datasheet HTML 13Page - EPCOS B57871 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
B57871S0103J001
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 10000
Ω, T
R = 25
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
963050
867180
1058900
10.0
1.3
7.4
50.0
670100
606140
734070
9.5
1.3
7.1
45.0
471690
428510
514870
9.2
1.3
6.9
40.0
336500
306960
366040
8.8
1.3
6.7
35.0
242590
222160
263020
8.4
1.3
6.4
30.0
177000
162710
191290
8.1
1.3
6.2
25.0
130370
120270
140470
7.7
1.3
6.0
20.0
97070
89860
104280
7.4
1.3
5.8
15.0
72929
67735
78124
7.1
1.3
5.6
10.0
55330
51551
59108
6.8
1.3
5.4
5.0
42315
39545
45085
6.5
1.2
5.3
0.0
32650
30601
34699
6.3
1.2
5.1
5.0
25388
23861
26914
6.0
1.2
5.0
10.0
19900
18754
21046
5.8
1.2
4.8
15.0
15708
14842
16574
5.5
1.2
4.7
20.0
12490
11831
13149
5.3
1.2
4.5
25.0
10000
9500
10500
5.0
1.1
4.4
30.0
8057
7632
8482
5.3
1.2
4.3
35.0
6531
6173
6889
5.5
1.3
4.1
40.0
5327
5024
5630
5.7
1.4
4.0
45.0
4369
4111
4626
5.9
1.5
3.9
50.0
3603
3384
3822
6.1
1.6
3.8
55.0
2986
2799
3174
6.3
1.7
3.7
60.0
2488
2327
2649
6.5
1.8
3.6
65.0
2083
1945
2221
6.6
1.9
3.5
70.0
1752
1633
1871
6.8
2.0
3.4
75.0
1481
1378
1585
7.0
2.1
3.3
80.0
1258
1168
1348
7.1
2.2
3.2
85.0
1072
994.2
1151
7.3
2.3
3.2
90.0
917.7
849.4
986.0
7.4
2.4
3.1
95.0
788.5
728.6
848.4
7.6
2.5
3.0
100.0
680.0
627.4
732.6
7.7
2.6
2.9
105.0
588.6
542.2
635.0
7.9
2.8
2.9
110.0
511.2
470.2
552.2
8.0
2.9
2.8
115.0
445.4
409.1
481.7
8.2
3.0
2.7
120.0
389.3
357.1
421.5
8.3
3.1
2.7
125.0
341.7
313.0
370.4
8.4
3.2
2.6
130.0
300.9
275.2
326.6
8.5
3.4
2.5
135.0
265.4
242.5
288.4
8.7
3.5
2.5
Temperature measurement
B57871
Leaded NTCs, lead spacing 2.5 mm
S871
Page 10 of 25
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57871

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57871S EPCOS-B57871S Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
B57871S0103+001 EPCOS-B57871S0103+001 Datasheet
62Kb / 3P
   Temperature Measurement
logo
TDK Electronics
B57871S0103+001 TDK-B57871S0103+001 Datasheet
566Kb / 27P
   Leaded NTC thermistors
logo
EPCOS
B57871S0103+002 EPCOS-B57871S0103+002 Datasheet
62Kb / 3P
   Temperature Measurement
logo
TDK Electronics
B57871S0103+002 TDK-B57871S0103+002 Datasheet
566Kb / 27P
   Leaded NTC thermistors
More results

Similar Description - B57871

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com