Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57871S0103001 Datasheet(PDF) 9 Page - EPCOS

Part # B57871S0103001
Description  NTC thermistors for temperature measurement
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57871S0103001 Datasheet(HTML) 9 Page - EPCOS

Back Button B57871S0103001 Datasheet HTML 5Page - EPCOS B57871S0103001 Datasheet HTML 6Page - EPCOS B57871S0103001 Datasheet HTML 7Page - EPCOS B57871S0103001 Datasheet HTML 8Page - EPCOS B57871S0103001 Datasheet HTML 9Page - EPCOS B57871S0103001 Datasheet HTML 10Page - EPCOS B57871S0103001 Datasheet HTML 11Page - EPCOS B57871S0103001 Datasheet HTML 12Page - EPCOS B57871S0103001 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
B57871S0103H001
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 10000
Ω, T
R = 25
°C, ∆R
R/RR =
± 3%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
40.0
336500
313690
359310
6.8
1.0
6.7
35.0
242590
227020
258160
6.4
1.0
6.4
30.0
177000
166250
187750
6.1
1.0
6.2
25.0
130370
122880
137860
5.7
1.0
6.0
20.0
97070
91801
102340
5.4
0.9
5.8
15.0
72929
69193
76665
5.1
0.9
5.6
10.0
55330
52658
58002
4.8
0.9
5.4
5.0
42315
40391
44239
4.5
0.9
5.3
0.0
32650
31254
34046
4.3
0.8
5.1
5.0
25388
24369
26406
4.0
0.8
5.0
10.0
19900
19152
20648
3.8
0.8
4.8
15.0
15708
15156
16260
3.5
0.8
4.7
20.0
12490
12081
12899
3.3
0.7
4.5
25.0
10000
9700
10300
3.0
0.7
4.4
30.0
8057
7793
8321
3.3
0.8
4.3
35.0
6531
6304
6759
3.5
0.8
4.1
40.0
5327
5130
5524
3.7
0.9
4.0
45.0
4369
4199
4539
3.9
1.0
3.9
50.0
3603
3456
3750
4.1
1.1
3.8
55.0
2986
2859
3114
4.3
1.2
3.7
60.0
2488
2377
2599
4.5
1.2
3.6
65.0
2083
1987
2180
4.6
1.3
3.5
70.0
1752
1668
1836
4.8
1.4
3.4
75.0
1481
1408
1555
5.0
1.5
3.3
80.0
1258
1193
1323
5.1
1.6
3.2
85.0
1072
1016
1129
5.3
1.7
3.2
90.0
917.7
867.7
967.7
5.4
1.8
3.1
95.0
788.5
744.4
832.6
5.6
1.9
3.0
100.0
680.0
641.0
719.0
5.7
2.0
2.9
105.0
588.6
554.0
623.2
5.9
2.1
2.9
110.0
511.2
480.4
542.0
6.0
2.2
2.8
115.0
445.4
418.0
472.8
6.2
2.3
2.7
120.0
389.3
364.8
413.8
6.3
2.4
2.7
125.0
341.7
319.8
363.6
6.4
2.5
2.6
130.0
300.9
281.2
320.6
6.5
2.6
2.5
135.0
265.4
247.8
283.1
6.7
2.7
2.5
140.0
234.8
218.9
250.7
6.8
2.8
2.4
145.0
208.3
194.0
222.7
6.9
2.9
2.4
150.0
185.3
172.3
198.3
7.0
3.0
2.3
155.0
165.3
153.6
177.1
7.1
3.1
2.3
Temperature measurement
B57871
Leaded NTCs, lead spacing 2.5 mm
S871
Page 9 of 25
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57871S0103001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57871S0103001 EPCOS-B57871S0103001 Datasheet
536Kb / 27P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57871S0103001 TDK-B57871S0103001 Datasheet
566Kb / 27P
   NTC thermistors for temperature measurement
More results

Similar Description - B57871S0103001

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com