Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57871S0123000 Datasheet(PDF) 8 Page - EPCOS

Part # B57871S0123000
Description  NTC thermistors for temperature measurement
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57871S0123000 Datasheet(HTML) 8 Page - EPCOS

Back Button B57871S0123000 Datasheet HTML 4Page - EPCOS B57871S0123000 Datasheet HTML 5Page - EPCOS B57871S0123000 Datasheet HTML 6Page - EPCOS B57871S0123000 Datasheet HTML 7Page - EPCOS B57871S0123000 Datasheet HTML 8Page - EPCOS B57871S0123000 Datasheet HTML 9Page - EPCOS B57871S0123000 Datasheet HTML 10Page - EPCOS B57871S0123000 Datasheet HTML 11Page - EPCOS B57871S0123000 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
B57871S0103F001
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 10000
Ω, T
R = 25
°C, ∆R
R/RR =
± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
5.0
25388
24877
25898
2.0
0.4
5.0
10.0
19900
19550
20250
1.8
0.4
4.8
15.0
15708
15470
15946
1.5
0.3
4.7
20.0
12490
12330
12650
1.3
0.3
4.5
25.0
10000
9900
10100
1.0
0.2
4.4
30.0
8057
7955
8159
1.3
0.3
4.3
35.0
6531
6434
6628
1.5
0.4
4.1
40.0
5327
5237
5417
1.7
0.4
4.0
45.0
4369
4286
4451
1.9
0.5
3.9
50.0
3603
3528
3678
2.1
0.5
3.8
55.0
2986
2918
3054
2.3
0.6
3.7
60.0
2488
2427
2549
2.5
0.7
3.6
65.0
2083
2028
2138
2.6
0.8
3.5
70.0
1752
1703
1801
2.8
0.8
3.4
75.0
1481
1437
1525
3.0
0.9
3.3
80.0
1258
1219
1297
3.1
1.0
3.2
85.0
1072
1037
1108
3.3
1.0
3.2
90.0
917.7
886.1
949.3
3.4
1.1
3.1
95.0
788.5
760.2
816.9
3.6
1.2
3.0
100.0
680.0
654.6
705.4
3.7
1.3
2.9
105.0
588.6
565.8
611.4
3.9
1.4
2.9
110.0
511.2
490.7
531.7
4.0
1.4
2.8
115.0
445.4
426.9
463.9
4.2
1.5
2.7
120.0
389.3
372.6
406.0
4.3
1.6
2.7
125.0
341.7
326.6
356.8
4.4
1.7
2.6
130.0
300.9
287.3
314.5
4.5
1.8
2.5
135.0
265.4
253.1
277.8
4.7
1.9
2.5
140.0
234.8
223.6
246.0
4.8
2.0
2.4
145.0
208.3
198.1
218.5
4.9
2.1
2.4
150.0
185.3
176.0
194.6
5.0
2.2
2.3
155.0
165.3
156.9
173.8
5.1
2.3
2.3
B57871S0103H001
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 10000
Ω, T
R = 25
°C, ∆R
R/RR =
± 3%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
963050
886440
1039700
8.0
1.1
7.4
50.0
670100
619540
720660
7.5
1.1
7.1
45.0
471690
437940
505430
7.2
1.0
6.9
Temperature measurement
B57871
Leaded NTCs, lead spacing 2.5 mm
S871
Page 8 of 25
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57871S0123000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57871S0123000 EPCOS-B57871S0123000 Datasheet
536Kb / 27P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57871S0123000 TDK-B57871S0123000 Datasheet
566Kb / 27P
   NTC thermistors for temperature measurement
More results

Similar Description - B57871S0123000

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com