Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC40103E Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC40103E
Description  High-Speed CMOS Logic 8-Stage Synchronous Down Counters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC40103E Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC40103E Datasheet HTML 2Page - Texas Instruments CD74HC40103E Datasheet HTML 3Page - Texas Instruments CD74HC40103E Datasheet HTML 4Page - Texas Instruments CD74HC40103E Datasheet HTML 5Page - Texas Instruments CD74HC40103E Datasheet HTML 6Page - Texas Instruments CD74HC40103E Datasheet HTML 7Page - Texas Instruments CD74HC40103E Datasheet HTML 8Page - Texas Instruments CD74HC40103E Datasheet HTML 9Page - Texas Instruments CD74HC40103E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPLH,
tPHL
CL = 50pF
2
-
-
300
-
375
-
450
ns
CP to any TC (Async Preset)
CL = 50pF
4.5
-
-
60
-
75
-
90
ns
CL = 15pF
5
-
25
-
-
-
ns
CL = 50pF
6
-
-
51
-
64
-
77
ns
CP to TC (Sync Preset)
tPLH,
tPHL
CL = 50pF
2
-
-
300
-
375
-
450
ns
CL = 50pF
4.5
-
-
60
-
75
-
90
ns
CL = 15pF
5
-
25
-
-
-
-
-
ns
CL = 50pF
6
-
-
51
-
64
-
77
ns
TE to TC
tPLH,
tPHL
CL = 50pF
2
-
-
200
-
250
-
300
ns
CL = 50pF
4.5
-
-
40
-
50
-
60
ns
CL = 15pF
5
-
17
-
-
-
-
-
ns
CL = 50pF
6
-
-
34
-
43
-
51
ns
PL to TC
tPLH,
tPHL
CL = 50pF
2
-
-
275
-
345
-
415
ns
CL = 50pF
4.5
-
-
55
-
69
-
83
ns
CL = 15pF
5
-
23
-
-
-
-
-
ns
CL = 50pF
6
-
-
47
-
59
-
71
ns
MR to TC
tPLH,
tPHL
CL = 50pF
2
-
-
275
-
345
-
415
ns
CL = 50pF
4.5
-
-
55
-
69
-
83
ns
CL = 15pF
5
-
23
-
-
-
-
-
ns
CL = 50pF
6
-
-
47
-
59
-
71
ns
Output Transition Time
tTLH,tTHL
CL = 50pF
2
-
-
75
-
95
-
110
ns
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
CL = 50pF
6
-
-
13
-
16
-
19
ns
Input Capacitance
CI
CL = 50pF
-
-
-
10
-
10
-
10
pF
CP Maximum Frequency
fMAX
CL = 15pF
5
-
25
-
-
-
-
-
MHz
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-5
-
25
-
-
-
-
-
pF
HCT TYPES
Propagation Delay
CP to TC (Async Preset)
tPLH,
tPHL
CL = 50pF
4.5
-
-
60
-
75
-
90
ns
CL = 15pF
5
-
25
-
-
-
-
-
ns
CE to TC (Sync Preset)
tPLH,
tPHL
CL = 50pF
4.5
-
-
63
-
79
-
95
ns
CL = 15pF
5
-
26
-
-
-
-
-
ns
TE to TC
tPLH,
tPHL
CL = 50pF
4.5
-
-
50
-
63
-
75
ns
CL = 15pF
5
-
21
-
-
-
-
-
ns
PL to TC
tPLH,
tPHL
CL = 50pF
4.5
-
-
68
-
85
-
102
ns
CL = 15pF
5
-
28
-
-
-
-
-
ns
CD54HC40103, CD74HC40103, CD74HCT40103


Similar Part No. - CD74HC40103E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC40103E TI-CD74HC40103E Datasheet
45Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103E TI-CD74HC40103E Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103E TI-CD74HC40103E Datasheet
158Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103E TI-CD74HC40103E Datasheet
454Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103EE4 TI-CD74HC40103EE4 Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
More results

Similar Description - CD74HC40103E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC40103 TI-CD54HC40103_08 Datasheet
454Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_03 Datasheet
158Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103 Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103 TI-CD74HC40103 Datasheet
45Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103-EP TI1-CD74HC40103-EP Datasheet
395Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER
logo
Intersil Corporation
CD40102BMS INTERSIL-CD40102BMS Datasheet
166Kb / 13P
   CMOS 8-Stage Presettable Synchronous Down Counters
December 1992
logo
Texas Instruments
CD40102B TI-CD40102B Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
CD40102B TI1-CD40102B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS 8-stage Presettable Synchronous Down Counters
logo
STMicroelectronics
HCC40102B STMICROELECTRONICS-HCC40102B Datasheet
270Kb / 13P
   8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M54HC40102 STMICROELECTRONICS-M54HC40102 Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com