Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PC50UPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRG4PC50UPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50UPBF Datasheet(HTML) 5 Page - International Rectifier

  IRG4PC50UPBF Datasheet HTML 1Page - International Rectifier IRG4PC50UPBF Datasheet HTML 2Page - International Rectifier IRG4PC50UPBF Datasheet HTML 3Page - International Rectifier IRG4PC50UPBF Datasheet HTML 4Page - International Rectifier IRG4PC50UPBF Datasheet HTML 5Page - International Rectifier IRG4PC50UPBF Datasheet HTML 6Page - International Rectifier IRG4PC50UPBF Datasheet HTML 7Page - International Rectifier IRG4PC50UPBF Datasheet HTML 8Page - International Rectifier IRG4PC50UPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRG4PC50UPbF
www.irf.com
5
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
0
2000
4000
6000
8000
1
1 0
100
CE
V
, C o llector-to -E m itte r V o ltag e (V )
A
V
= 0V ,
f = 1M H z
C
= C
+ C
, C
S H O R T E D
C
= C
C
= C
+ C
C ie s
Cres
C oes
GE
ies
g e
g c
c e
res
gc
o es
c e
g c
0
4
8
12
16
20
0
4 0
8 0
120
160
200
g
Q , Total Gate Charge (nC)
A
V
= 400V
I
= 27A
CE
C
0.1
1
10
-60
-40
-20
0
2 0
4 0
6 0
8 0
100 120 140 160
A
T , Jun ction Tem perature (°C )
J
I = 5 4A
I = 2 7A
I = 1 4 A
R
= 5 .0
V
= 1 5V
V
= 4 80 V
C
C
C
G
GE
CC
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
1 02 0
3 04 05 06 0
G
R , Gate Resistance ( Ω)
A
V
= 480V
V
= 15V
T
= 25°C
I
= 27A
CC
GE
J
C


Similar Part No. - IRG4PC50UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC50UPBF IRF-IRG4PC50UPBF Datasheet
641Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50UPBF IRF-IRG4PC50UPBF_15 Datasheet
641Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4PC50UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC60UPBF IRF-IRG4PC60UPBF Datasheet
236Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC40UPBF IRF-IRG4PC40UPBF Datasheet
633Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4BC40UPBF IRF-IRG4BC40UPBF Datasheet
226Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC60U-PPBF IRF-IRG4PC60U-PPBF Datasheet
235Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC60U-P IRF-IRG4PC60U-P Datasheet
123Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC30UPBF IRF-IRG4PC30UPBF Datasheet
273Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
logo
Vishay Siliconix
VS-GA200SA60UP VISHAY-VS-GA200SA60UP Datasheet
153Kb / 8P
   Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
Revision: 26-Oct-11
GA200SA60UP VISHAY-GA200SA60UP Datasheet
153Kb / 8P
   Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
Revision: 26-Oct-11
logo
International Rectifier
IRGMC50F IRF-IRGMC50F Datasheet
552Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4BC30S-SPBF IRF-IRG4BC30S-SPBF Datasheet
212Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com