Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1541 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1541
Description  Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1541 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1541 Datasheet HTML 6Page - Maxim Integrated Products MAX1541 Datasheet HTML 7Page - Maxim Integrated Products MAX1541 Datasheet HTML 8Page - Maxim Integrated Products MAX1541 Datasheet HTML 9Page - Maxim Integrated Products MAX1541 Datasheet HTML 10Page - Maxim Integrated Products MAX1541 Datasheet HTML 11Page - Maxim Integrated Products MAX1541 Datasheet HTML 12Page - Maxim Integrated Products MAX1541 Datasheet HTML 13Page - Maxim Integrated Products MAX1541 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Dual Step-Down Controllers with Saturation
Protection, Dynamic Output, and Linear Regulator
10
______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, VCC = VDD = ON1 = ON2 = 5V, SKIP = GND, LDOIN (MAX1541) = V+, TA = -40°C to +85°C, unless otherwise noted.)
(Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
High
VCC -
0.4V
Open
3.15
3.85
REF
1.65
2.35
Four-Level Input Logic Levels
TON, OVP/UVP, LSAT,
SKIP,
FBLANK
Low
0.5
V
Note 1: For the MAX1540A, the gate-driver input supply (VDD) is internally connected to the fixed 5V linear-regulator output
(LDOOUT),
and the linear-regulator input supply (LDOIN) is internally connected to the battery voltage input (V+).
Note 2: When the inductor is in continuous conduction, the output voltage has a DC regulation level higher than the error-comparator
threshold by 50% of the ripple. In discontinuous conduction (SKIP = GND, light load), the output voltage has a DC regulation
level higher than the trip level by approximately 1.5% due to slope compensation.
Note 3: On-time and off-time specifications are measured from 50% point to 50% point at the DH_ pin with LX_ = GND, VBST_ = 5V,
and a 250pF capacitor connected from DH_ to LX_. Actual in-circuit times may differ due to MOSFET switching speeds.
Note 4: Specifications to -40°C are guaranteed by design, not production tested.
OUT2 EFFICIENCY vs. LOAD CURRENT
(VOUT2 = 2.5V)
LOAD CURRENT (A)
1
0.1
55
60
65
70
75
80
85
90
95
100
50
0.01
10
SKIP = GND
SKIP = VCC
VIN = 7V
VIN = 12V
VIN = 20V
2.5V OUTPUT VOLTAGE (OUT2)
vs. LOAD CURRENT
LOAD CURRENT (A)
4
3
2
1
2.49
2.50
2.51
2.52
2.53
2.54
2.55
2.48
05
SKIP = GND
SKIP = VCC
OUT1 EFFICIENCY vs. LOAD CURRENT
(VOUT1 = 1.0V)
LOAD CURRENT (A)
1
0.1
55
60
65
70
75
80
85
90
95
100
50
0.01
10
SKIP = GND
SKIP = VCC
VIN = 7V
VIN = 12V
VIN = 20V
Typical Operating Characteristics
(MAX1541 circuit of Figure 12, VIN = 12V, VDD = VCC = 5V, SKIP = GND, TON = REF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1541

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1541 MAXIM-MAX1541 Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1541ETL MAXIM-MAX1541ETL Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1541ETL MAXIM-MAX1541ETL Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
More results

Similar Description - MAX1541

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540 MAXIM-MAX1540 Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Skyworks Solutions Inc.
AAT2505 SKYWORKS-AAT2505 Datasheet
3Mb / 23P
   Dual Channel, Step-Down Converter/Linear Regulator
logo
Advanced Analogic Techn...
AAT2505 ANALOGICTECH-AAT2505 Datasheet
843Kb / 26P
   Dual Channel, Step-Down Converter/Linear Regulator
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com