Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LVB3811 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI90LVB3811
Description  High-Speed Differential Line Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVB3811 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI90LVB3811 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVB3811 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVB3811 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVB3811 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVB3811 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVB3811 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVB3811 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LVB3811 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LVB3811 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
PS8663
02/21/03
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV3811/PI90LVB3811
High-Speed Differential Line Drivers
Electrical Characteristics Over Recommended Operating Conditions (unlessotherwisenoted)
Note: 1. All typical values are at 25°C and with a 3.3V supply.
π
π
Symbol
Parameter
Test Condition
Min.
Typ.(1)
Max.
Units
VOH
Differential output voltage magnitude
RL = 50-Ohm (PI90LVB3811)
RL = 100-Ohm (PI90LV3811)
CL = 10pF
See Figures 1 and 2
247
340
454
mV
VOH
Change in differential output voltage magnitude
between logic states
-50
50
VOC(SS) Steady-state common-mode output voltage
See Figure 3
1.125
1.375
V
VOC(SS)
Change in steady-state common-mode output
voltage between logic states
-50
50
mV
VOC(PP) Peak-to-peak common-mode output voltage
50
150
ICC
Supply current
RL = 100-Ohm (PI90LV3811)
Enabled, VIN = GND or VCC
50
70
mA
RL = 50-Ohm (PI90LVB3811)
Enabled, VIN = GND or VDD
77
120
Disabled, VIN = GND or VDD
0.5
1.5
IIH
High-level input current
VIN = 2V
3
20
µA
IIL
Low-level input current
VIL = 0.8V
2
10
IOS
Short-circuit output current
VODOUT + or VODOUT - = 0V
± 24
mA
VOD = 0V
±12
IOZ
High-impedance output current
VOD = 0V or VCC
±1
µA
IO(OFF)
Power-off output current
VCC = 1.5V, VO= 2.45V
±1
CIN
Input capacitance
VI = 0.4 sin (4E6 t) +0.5V
5
pF
CO
Output capacitance
VI = 0.4 sin (4E6 t) +0.5V,
Disabled
9.4


Similar Part No. - PI90LVB3811

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB387 PERICOM-PI90LVB387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
PI90LVB387A PERICOM-PI90LVB387A Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
PI90LVB387AE PERICOM-PI90LVB387AE Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
More results

Similar Description - PI90LVB3811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com