Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6401HH01ER Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6401HH01ER
Description  Dual LDO Regulators, Low ESR Cap. Compatible
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6401HH01ER Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6401HH01ER Datasheet HTML 1Page - Torex Semiconductor XC6401HH01ER Datasheet HTML 2Page - Torex Semiconductor XC6401HH01ER Datasheet HTML 3Page - Torex Semiconductor XC6401HH01ER Datasheet HTML 4Page - Torex Semiconductor XC6401HH01ER Datasheet HTML 5Page - Torex Semiconductor XC6401HH01ER Datasheet HTML 6Page - Torex Semiconductor XC6401HH01ER Datasheet HTML 7Page - Torex Semiconductor XC6401HH01ER Datasheet HTML 8Page - Torex Semiconductor XC6401HH01ER Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
XC6401 Series
Dual LDO Regulators, Low ESR Cap. Compatible
GENERAL DESCRIPTION
The XC6401 series are highly accurate, Dual, low noise, CMOS LDO voltage regulators. Performance features of the series
includes low output noise, high ripple rejection ratio, low dropout and very fast turn-on times.
The XC6401 includes a reference voltage source, error amplifiers, driver transistors, current limiters and phase
compensators internally. The XC6401’s current limiters' foldback circuit also operates as a short protect for the output current
limiter. The output voltage for each regulator is set independently by laser trimming. Voltages are selectable in 50mV steps
within a range of 0.8V to 5.0V. The XC6401 series is also fully compatible with low ESR ceramic capacitors, reducing cost
and improving output stability.
This high level of output stability is maintained even during frequent load fluctuations, due to the excellent transient response
performance and high PSRR achieved across a broad range of frequencies. The EN function allows the output of each
regulator to be turned off independently, resulting in greatly reduced power consumption. The XC6401 series is available in
the SOT-26W or USP-6B, USP-6C ‘chip-scale’ package.
APPLICATIONS
Mobile Phones
Cordless phones and
radio communication equipment
Portable games
Cameras, Video recorders
Portable Audio Equipment
PDAs
TYPICAL APPLICATION CIRCUITS
FEATURES
Maximum Output Current
: More than 150mA (300mA limit)
Dropout Voltage
: 100mV @100mA
Operating Voltage Range
: 1.5V ~ 6.0V
Output Voltage Range
: 0.8V~5.0V (50mV increments)
Highly Accurate
: ±2% (VOUT>1.5V)
: ±30mV (VOUT≦1.5V)
Low Power Consumption
: 25μA (TYP.)
Standby Current
: Less than 0.1μA (TYP.)
High Ripple Rejection
: 70dB @1kHz
Operating Temperature Range : -40℃ ~ +85℃
Low ESR Capacitor Compatible : Ceramic capacitor
Low Output Noise
Ultra Small Packages
: SOT-26W,USP-6B,USP-6C
TYPICAL PERFORMANCE
CHARACTERISTICS
VIN
VSS
VOUT1
VOUT2
EN1
EN2
CIN
1uF
CL2
1uF
CL1
1uF
6
VOUT2
VOUT1
VSS
EN2
VIN
EN1
5
4
1
2
3
CIN
1uF
CL1
1uF
CL2
1uF
Interactive Load Transient Response
SOT-26W
USP-6
ETR0309_005


Similar Part No. - XC6401HH01ER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XC6401 ETC2-XC6401 Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
More results

Similar Description - XC6401HH01ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
Shenzhen Huazhimei Semi...
HM6216 HMSEMI-HM6216 Datasheet
366Kb / 8P
   Low power consumption, Low ESR Cap. Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com