Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6401HE01ML Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6401HE01ML
Description  Dual LDO Regulators, Low ESR Cap. Compatible
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6401HE01ML Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6401HE01ML Datasheet HTML 5Page - Torex Semiconductor XC6401HE01ML Datasheet HTML 6Page - Torex Semiconductor XC6401HE01ML Datasheet HTML 7Page - Torex Semiconductor XC6401HE01ML Datasheet HTML 8Page - Torex Semiconductor XC6401HE01ML Datasheet HTML 9Page - Torex Semiconductor XC6401HE01ML Datasheet HTML 10Page - Torex Semiconductor XC6401HE01ML Datasheet HTML 11Page - Torex Semiconductor XC6401HE01ML Datasheet HTML 12Page - Torex Semiconductor XC6401HE01ML Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9/24
XC6401
Series
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Output Current
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
350
Output Current IOUT (mA)
XC6401 (0.8V)
VIN=1.8V
CIN=1uF (ceramics), CL=1uF (ceramics)
Topr = 85OC
= 25OC
= - 40OC
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
350
Output Current IOUT (mA)
XC6401(0.8V)
VIN=4.0V
CIN=1uF (ceramics), CL=1uF (ceramics)
VIN = 6.0V
= 1.8V
= 1.8V
= 1.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
350
Output Current IOUT (mA)
XC6401(2.85V)
VIN=4.0V
CIN=1uF (ceramics), CL=1uF (ceramics)
VIN = 6.0V
= 4.0V
= 3.15V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
350
Output Current IOUT (mA)
XC6401(2.85V)
VIN=3.85V
CIN=1uF (ceramics), CL=1uF (ceramics)
Topr = 85OC
= 25OC
= - 40OC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
350
Output Current IOUT (mA)
XC6401(3.0V)
VIN=4.0V
CIN=1uF (ceramics), CL=1uF (ceramics)
VIN = 6.0V
= 4.0V
= 3..3V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
350
Output Current IOUT (mA)
XC6401(3.0V)
VIN=4.0V
CIN=1uF (ceramics), CL=1uF (ceramics)
Topr = 85OC
= 25OC
= - 40OC


Similar Part No. - XC6401HE01ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XC6401 ETC2-XC6401 Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
More results

Similar Description - XC6401HE01ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
Shenzhen Huazhimei Semi...
HM6216 HMSEMI-HM6216 Datasheet
366Kb / 8P
   Low power consumption, Low ESR Cap. Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com