Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSS4N60AS Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SSS4N60AS
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSS4N60AS Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SSS4N60AS Datasheet HTML 1Page - Fairchild Semiconductor SSS4N60AS Datasheet HTML 2Page - Fairchild Semiconductor SSS4N60AS Datasheet HTML 3Page - Fairchild Semiconductor SSS4N60AS Datasheet HTML 4Page - Fairchild Semiconductor SSS4N60AS Datasheet HTML 5Page - Fairchild Semiconductor SSS4N60AS Datasheet HTML 6Page - Fairchild Semiconductor SSS4N60AS Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Avalanche Rugged Technology
Rugged Gate Oxide Technology
Lower Input Capacitance
Improved Gate Charge
Extended Safe Operating Area
Lower Leakage Current : 25
A (Max.) @ V
DS = 600V
Lower R
DS(ON) : 2.037
(Typ.)
Advanced Power MOSFET
Thermal Resistance
Junction-to-Case
Junction-to-Ambient
R
JC
R
JA
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (T
C=25
)
Continuous Drain Current (T
C=100
)
Drain Current-Pulsed
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
Avalanche Current
Repetitive Avalanche Energy
Peak Diode Recovery dv/dt
Total Power Dissipation (T
C=25
)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8 “ from case for 5-seconds
Characteristic
Value
Units
Symbol
I
DM
V
GS
E
AS
I
AR
E
AR
dv/dt
I
D
P
D
T
J , TSTG
T
L
A
V
mJ
A
mJ
V/ns
W
A
V
DSS
V
TO-220F
1.Gate 2. Drain 3. Source
3
2
1
SSS4N60AS
BV
DSS = 600 V
R
DS(on) = 2.2
I
D = 2.3 A
600
2.3
1.5
16
260
2.3
3.3
3.0
33
0.26
- 55 to +150
300
3.79
62.5
--
--
30
+
_
O
1
O
2
O
3
O
1
O
1
oC
oC
oC
oC
θ
θ
µ
W/
oC
oC/W
©1999 Fairchild Semiconductor Corporation
Rev. B


Similar Part No. - SSS4N60AS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SSS4N60AS ISC-SSS4N60AS Datasheet
264Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SSS4N60AS

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com