Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75452B Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75452B
Description  DUAL PERIPHERAL DRIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75452B Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75452B Datasheet HTML 3Page - Texas Instruments SN75452B Datasheet HTML 4Page - Texas Instruments SN75452B Datasheet HTML 5Page - Texas Instruments SN75452B Datasheet HTML 6Page - Texas Instruments SN75452B Datasheet HTML 7Page - Texas Instruments SN75452B Datasheet HTML 8Page - Texas Instruments SN75452B Datasheet HTML 9Page - Texas Instruments SN75452B Datasheet HTML 10Page - Texas Instruments SN75452B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SN55451B, SN55452B, SN55453B, SN55454B
SN75451B, SN75452B, SN75453B, SN75454B
DUAL PERIPHERAL DRIVERS
SLRS021B – DECEMBER 1976 – REVISED SEPTEMBER 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
GND
Pulse
Generator
(see Note A)
2.4 V
Input
SUB
Circuit
Under
Test
10%
10%
90%
90%
1.5 V
1.5 V
≤ 5 ns
90%
90%
10%
10%
1.5 V
1.5 V
0.5
µs
10%
10%
90%
90%
50%
50%
tPHL
tPLH
tTHL
3 V
0 V
3 V
0 V
VOH
VOL
Output
Input
TEST CIRCUIT
VOLTAGE WAVEFORMS
’451B
’452B
’453B
’454B
0.4 V
CL = 15 pF
(see Note B)
Output
10 V
RL = 50 Ω
≤ 10 ns
≤ 5 ns
≤ 10 ns
tTLH
’451B
’453B
Input
’452B
’454B
NOTES: A. The pulse generator has the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 1. Test Circuit and Voltage Waveforms, Complete Drivers
GND
2.4 V
Input
SUB
90%
90%
1.5 V
1.5 V
≤ 5 ns
90%
90%
10%
10%
1.5 V
1.5 V
40
µs
10%
10%
3 V
0 V
3 V
0 V
VOH
Output
Input
TEST CIRCUIT
VOLTAGE WAVEFORMS
’451B
’452B
’453B
’454B
0.4 V
Output
VS = 20 V
≤ 10 ns
≤ 5 ns
≤ 10 ns
’451B
’453B
Input
’452B
’454B
65
2 mH
1N3064
5 V
VOL
Pulse
Generator
(see Note A)
Circuit
Under
Test
CL = 15 pF
(see Note B)
NOTES: A. The pulse generator has the following characteristics: PRR
≤ 12.5 kHz, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 2. Test Circuit and Voltage Waveforms for Latch-Up Test of Complete Drivers


Similar Part No. - SN75452B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75452B TI-SN75452B Datasheet
377Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75452B TI-SN75452B Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75452B TI-SN75452B Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75452B TI1-SN75452B Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
SN75452BD TI-SN75452BD Datasheet
377Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results

Similar Description - SN75452B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75477DR TI-SN75477DR Datasheet
440Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
logo
National Semiconductor ...
DS55451 NSC-DS55451 Datasheet
249Kb / 16P
   Dual Peripheral Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com