Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8505IDBG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS8505IDBG4
Description  16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8505IDBG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS8505IDBG4 Datasheet HTML 5Page - Texas Instruments ADS8505IDBG4 Datasheet HTML 6Page - Texas Instruments ADS8505IDBG4 Datasheet HTML 7Page - Texas Instruments ADS8505IDBG4 Datasheet HTML 8Page - Texas Instruments ADS8505IDBG4 Datasheet HTML 9Page - Texas Instruments ADS8505IDBG4 Datasheet HTML 10Page - Texas Instruments ADS8505IDBG4 Datasheet HTML 11Page - Texas Instruments ADS8505IDBG4 Datasheet HTML 12Page - Texas Instruments ADS8505IDBG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.ti.com
STARTING A CONVERSION
ADS8505
SLAS180B – SEPTEMBER 2005 – REVISED JUNE 2007
BASIC OPERATION (continued)
The ADS8505 begins tracking the input signal at the end of the conversion. Allowing 4
µs between convert
commands assures accurate acquisition of a new signal.
The offset and gain are adjusted internally to allow external trimming with a single supply. The external resistors
compensate for this adjustment and can be left out if the offset and gain are corrected in software (refer to the
CALIBRATION section).
The combination of CS (pin 25) and R/C (pin 24) low for a minimum of 40 ns immediately puts the sample/hold
of the ADS8505 in the hold state and starts conversion n. BUSY (pin 26) goes low and stays low until
conversion n is completed and the internal output register has been updated. All new convert commands during
BUSY low will abort the conversion in progress and reset the ADC (see Figure 26).
The ADS8505 begins tracking the input signal at the end of the conversion. Allowing 4
µs between convert
commands assures accurate acquisition of a new signal. Refer to Table 1 for a summary of CS, R/C, and BUSY
states and Figure 23 through Figure 25 for the timing diagrams.
CS and R/C are internally ORed and level triggered. There is not a requirement which input goes low first when
initiating a conversion. If, however, it is critical that CS or R/C initiates conversion n, be sure the less critical
input is low at least 10 ns prior to the initiating input.
To reduce the number of control pins, CS can be tied low using R/C to control the read and convert modes. The
parallel output becomes active whenever R/C goes high. Refer to the READING DATA section.
Table 1. Control Line Functions for Read and Convert
CS
R/C
BUSY
OPERATION
1
X
X
None. Databus is in Hi-Z state.
0
1
Initiates conversion n. Databus remains in Hi-Z state.
0
1
Initiates conversion n. Databus enters Hi-Z state.
0
1
Conversion n completed. Valid data from conversion n on the databus.
1
1
Enables databus with valid data from conversion n.
1
0
Enables databus with valid data from conversion n-1(1). Conversion n in progress.
0
0
Enables databus with valid data from conversion n-1(1). Conversion n in progress.
0
0
Data is invalid. CS and/or R/C must be high when BUSY goes high.
X
0
Conversion n is halted. Causes ADC to reset.(2)
(1)
See Figure 23 and Figure 24 for constraints on data valid from conversion n-1.
(2)
See Figure 26 for details on ADC reset.
9
Submit Documentation Feedback


Similar Part No. - ADS8505IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8505I TI1-ADS8505I Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505IB TI1-ADS8505IB Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8505IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com