Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC440GX-3CF800C Datasheet(PDF) 9 Page - Applied Micro Circuits Corporation

Part # PPC440GX-3CF800C
Description  Power PC 440GX Embedded Processor
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3CF800C Datasheet(HTML) 9 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3CF800C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440GX-3CF800C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440GX-3CF800C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440GX-3CF800C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440GX-3CF800C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440GX-3CF800C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440GX-3CF800C Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440GX-3CF800C Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440GX-3CF800C Datasheet HTML 13Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
9
Revision 1.15 – August 30, 2007
Data Sheet
DCR Address Map 4KB of Device Configuration Registers
Function
Start Address
End Address
Size
Total DCR Address Space1
000
3FF
1KW (4KB)1
By function:
Reserved
000
00B
12W
Clocking Power On Reset
00C
00D
2W
System DCRs
00E
00F
2W
Memory Controller
010
011
2W
External Bus Controller
012
013
2W
External Bus Master I/F
014
015
2W
PLB Performance Monitor
016
01F
10W
SRAM
020
02F
16W
L2 Controller
030
03F
16W
Reserved
040
07F
64W
PLB
080
08F
16W
PLB to OPB Bridge Out
090
09F
16W
Reserved
0A0
0A7
8W
OPB to PLB Bridge In
0A8
0AF
8W
Power Management
0B0
0B7
8W
Reserved
0B8
0BF
8W
Interrupt Controller 0
0C0
0CF
16W
Interrupt Controller 1
0D0
0DF
16W
Clock, Control, and Reset
0E0
0EF
16W
Reserved
0F0
0FF
16W
DMA Controller
100
13F
64W
Reserved
140
17F
64W
Ethernet MAL
180
1FF
128W
Base Interrupt Controller
200
20F
16W
Interrupt Controller 2
210
21F
16W
Reserved
220
3FF
480W
Notes:
1. DCR address space is addressable with up to 10 bits (1024 or 1K unique addresses). Each unique address represents a single 32-bit
(word) register. One kiloword (1024W) equals 4KB (4096 bytes).


Similar Part No. - PPC440GX-3CF800C

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC440GP-3CC333C AMCC-PPC440GP-3CC333C Datasheet
1Mb / 83P
   Power PC 440GP Embedded Processor
PPC440GP-3CC400C AMCC-PPC440GP-3CC400C Datasheet
1Mb / 83P
   Power PC 440GP Embedded Processor
PPC440GP-3CC400CZ AMCC-PPC440GP-3CC400CZ Datasheet
1Mb / 83P
   Power PC 440GP Embedded Processor
PPC440GP-3CC400E AMCC-PPC440GP-3CC400E Datasheet
1Mb / 83P
   Power PC 440GP Embedded Processor
PPC440GP-3CC400EZ AMCC-PPC440GP-3CC400EZ Datasheet
1Mb / 83P
   Power PC 440GP Embedded Processor
More results

Similar Description - PPC440GX-3CF800C

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
405GPR AMCC-405GPR Datasheet
1Mb / 57P
   Power PC 405GPr Embedded Processor
440EP AMCC-440EP Datasheet
1Mb / 84P
   Power PC 440EP Embedded Processor
405GP AMCC-405GP Datasheet
1Mb / 59P
   Power PC 405GP Embedded Processor
440GP AMCC-440GP Datasheet
1Mb / 83P
   Power PC 440GP Embedded Processor
440GR AMCC-440GR Datasheet
1Mb / 82P
   Power PC 440GR Embedded Processor
logo
Beckhoff Automation Gmb...
CX5240 BECKHOFF-CX5240 Datasheet
209Kb / 4P
   Embedded PC with Intel Atom짰 processor
CX5230 BECKHOFF-CX5230 Datasheet
209Kb / 4P
   Embedded PC with Intel Atom짰 processor
CX5140 BECKHOFF-CX5140 Datasheet
225Kb / 5P
   Embedded PC with Intel Atom짰 processor
CX5120 BECKHOFF-CX5120 Datasheet
211Kb / 5P
   Embedded PC with Intel Atom짰 processor
CX5130 BECKHOFF-CX5130 Datasheet
225Kb / 5P
   Embedded PC with Intel Atom짰 processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com