Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4316PWG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # CD74HC4316PWG4
Description  High-Speed CMOS Logic Quad Analog Switch with Level Translation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4316PWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74HC4316PWG4 Datasheet HTML 5Page - Texas Instruments CD74HC4316PWG4 Datasheet HTML 6Page - Texas Instruments CD74HC4316PWG4 Datasheet HTML 7Page - Texas Instruments CD74HC4316PWG4 Datasheet HTML 8Page - Texas Instruments CD74HC4316PWG4 Datasheet HTML 9Page - Texas Instruments CD74HC4316PWG4 Datasheet HTML 10Page - Texas Instruments CD74HC4316PWG4 Datasheet HTML 11Page - Texas Instruments CD74HC4316PWG4 Datasheet HTML 12Page - Texas Instruments CD74HC4316PWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Test Circuits and Waveforms
FIGURE 13. SWITCH PROPAGATION DELAY TIMES
FIGURE 14. SWITCH TURN-ON AND TURN-OFF
PROPAGATION DELAY TIMES WAVEFORMS
tf = 6ns
SWITCH INPUT
tPLH
SWITCH OUTPUT
tr = 6ns
90%
50%
10%
VCC
VEE
tPHL
50%
50%
10%
90%
GND
VCC (HC)
10%
90%
50%
50%
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
SWITCH
ON
6ns
6ns
tPZH
tPHZ
tPZL
tPLZ
E
3V (HCT)
OUTPUTS
DISABLED
SWITCH OFF
OUTPUTS
ENABLED
SWITCH ON
CD54HC4316, CD74HC4316, CD74HCT4316


Similar Part No. - CD74HC4316PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4316PWG4 TI-CD74HC4316PWG4 Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
More results

Similar Description - CD74HC4316PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4316 TI-CD74HC4316 Datasheet
58Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316 Datasheet
362Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_08 Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI1-CD54HC4316_14 Datasheet
967Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_06 Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
logo
ELM Technology Corporat...
ELM7SH66XB ELM-TECH-ELM7SH66XB Datasheet
332Kb / 4P
   HIGH SPEED CMOS LOGIC IC Analog switch
logo
Texas Instruments
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_14 Datasheet
631Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_08 Datasheet
478Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com