Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC03JA-1.8TE13 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT24WC03JA-1.8TE13
Description  2K/4K-Bit Serial EEPROM with Partial Array Write Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC03JA-1.8TE13 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT24WC03JA-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC03JA-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC03JA-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC03JA-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC03JA-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC03JA-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC03JA-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC03JA-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC03JA-1.8TE13 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Discontinued
Parts
CAT24WC03/05
6
Doc. No. 1005, Rev. F
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
The CAT24WC03/05 responds with an acknowledge
after receiving a START condition and its slave address.
If the device has been selected along with a write
operation, it responds with an acknowledge after receiving
each 8-bit byte.
When the CAT24WC03/05 is in a READ mode it transmits
8 bits of data, releases the SDA line, and monitors the
line for an acknowledge. Once it receives this
acknowledge, the CAT24WC03/05 will continue to
transmit data. If no acknowledge is sent by the Master,
the device terminates data transmission and waits for a
STOP condition.
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the slave address information
(with the R/
W bit set to zero) to the Slave device. After
the Slave generates an acknowledge, the Master sends
the byte address that is to be written into the address
pointer of the CAT24WC03/05. After receiving another
acknowledge from the Slave, the Master device transmits
the data byte to be written into the addressed memory
location. The CAT24WC03/05 acknowledge once more
and the Master generates the STOP condition, at which
time the device begins its internal programming cycle to
nonvolatile memory. While this internal cycle is in
progress, the device will not respond to any request from
the Master device.
Page Write
The CAT24WC03/05 writes up to 16 bytes of data in a
single write cycle, using the Page Write operation. The
Page Write operation is initiated in the same manner as
the Byte Write operation; however, instead of terminating
after the initial word is transmitted, the Master is allowed
to send up to 15 additional bytes. After each byte has
been transmitted, the CAT24WC03/05 will respond with
an acknowledge and internally increment the low order
address bits by one. The high order bits remain
unchanged.
If the Master transmits more than 16 bytes prior to
sending the STOP condition, the address counter ‘wraps
around’, and previously transmitted data will be
overwritten.
Once all 16 bytes are received and the STOP condition
has been sent by the Master, the internal programming
cycle begins. At this point all received data is written to
the CAT24WC03/05 in a single write cycle.
Acknowledge Polling
The disabling of the inputs can be used to take advantage
of the typical write cycle time. Once the stop condition
is issued to indicate the end of the host’s write operation,
the CAT24WC03/05 initiates the internal write cycle.
ACK polling can be initiated immediately. This involves
issuing the start condition followed by the slave address
for a write operation. If the CAT24WC03/05 is still busy
with the write operation, no ACK will be returned. If the
CAT24WC03/05 has completed the write operation, an
ACK will be returned and the host can then proceed with
the next read or write operation.
Figure 7. Page Write Timing
BYTE
ADDRESS
SLAVE
ADDRESS
S
DATA
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
Figure 6. Byte Write Timing
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+P
BYTE
ADDRESS (n)
A
C
K
A
C
K
DATA n
A
C
K
S
T
O
P
S
A
C
K
DATA n+1
A
C
K
S
T
A
R
T
P
SLAVE
ADDRESS
NOTE: IN THIS EXAMPLE n = XXXX 0000(B); X = 1 or 0


Similar Part No. - CAT24WC03JA-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC03JA-1.8TE13 CATALYST-CAT24WC03JA-1.8TE13 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results

Similar Description - CAT24WC03JA-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
logo
Samsung semiconductor
S524C20D10 SAMSUNG-S524C20D10 Datasheet
152Kb / 22P
   1K/2K/4K/8K-bit Serial EEPROM with software write protect
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
   4K I2C Serial EEPROM with Software Write Protection
VER 1.1
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
Integrated Silicon Solu...
IS24C52 ISSI-IS24C52 Datasheet
68Kb / 14P
   2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com