Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC05UE-1.8TE13 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT24WC05UE-1.8TE13
Description  2K/4K-Bit Serial EEPROM with Partial Array Write Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC05UE-1.8TE13 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT24WC05UE-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 12Page - Catalyst Semiconductor CAT24WC05UE-1.8TE13 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Discontinued
Parts
CAT24WC03/05
9
Doc. No. 1005, Rev. F
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Notes:
1.
Complies with JEDEC Publication 95 MS001 dimensions; however, some of the dimensions may be more stringent.
2.
All linear dimensions are in inches and parenthetically in millimeters.
0.180 (4.57) MAX
0.015 (0.38)
0.100 (2.54)
BSC
0.014 (0.36)
0.022 (0.56)
0.245 (6.17)
0.295 (7.49)
0.045 (1.14)
0.060 (1.52)
0.110 (2.79)
0.150 (3.81)
0.120 (3.05)
0.150 (3.81)
0.300 (7.62)
0.325 (8.26)
0.310 (7.87)
0.380 (9.65)
0.355 (9.02)
0.400 (10.16)
8-LEAD 300 MIL WIDE PLASTIC DIP (P, L, GL)
8-LEAD 150 MIL WIDE SOIC (J, W, GW)
Notes:
1.
Complies with JEDEC publication 95 MS-012 dimensions; however, some dimensions may be more stringent.
2.
All linear dimensions are in inches and parenthetically in millimeters.
0.1497 (3.80)
0.1574 (4.00)
0.2284 (5.80)
0.2440 (6.20)
0.0532 (1.35)
0.0688 (1.75)
0.0040 (0.10)
0.0098 (0.25)
0.050 (1.27) BSC
0.013 (0.33)
0.020 (0.51)
0—8
0.0075 (0.19)
0.0098 (0.25)
0.0099 (0.25)
0.0196 (0.50)
X 45
0.016 (0.40)
0.050 (1.27)
0.1890 (4.80)
0.1968 (5.00)


Similar Part No. - CAT24WC05UE-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC05U CATALYST-CAT24WC05U Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC05U-1.8 CATALYST-CAT24WC05U-1.8 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC05U-1.8TE13 CATALYST-CAT24WC05U-1.8TE13 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC05U-TE13 CATALYST-CAT24WC05U-TE13 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC05UA CATALYST-CAT24WC05UA Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results

Similar Description - CAT24WC05UE-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
logo
Samsung semiconductor
S524C20D10 SAMSUNG-S524C20D10 Datasheet
152Kb / 22P
   1K/2K/4K/8K-bit Serial EEPROM with software write protect
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
   4K I2C Serial EEPROM with Software Write Protection
VER 1.1
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
Integrated Silicon Solu...
IS24C52 ISSI-IS24C52 Datasheet
68Kb / 14P
   2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com