Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7406PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7406PBF
Description  HEXFET짰Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7406PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7406PBF Datasheet HTML 1Page - International Rectifier IRF7406PBF Datasheet HTML 2Page - International Rectifier IRF7406PBF Datasheet HTML 3Page - International Rectifier IRF7406PBF Datasheet HTML 4Page - International Rectifier IRF7406PBF Datasheet HTML 5Page - International Rectifier IRF7406PBF Datasheet HTML 6Page - International Rectifier IRF7406PBF Datasheet HTML 7Page - International Rectifier IRF7406PBF Datasheet HTML 8Page - International Rectifier IRF7406PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
PD - 95302
l
Generation V Technology
l
Ultra Low On-Resistance
l
P-Channel Mosfet
l
Surface Mount
l
Available in Tape & Reel
l
Dynamic dv/dt Rating
l
Fast Switching
Description
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
the lowest possible on-resistance per silicon area.
This benefit, combined with the fast switching speed
and ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient device for use in a wide
variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements,
multiple devices can be used in an application with
dramatically reduced board space. The package is
designed for vapor phase, infra red, or wave soldering
techniques. Power dissipation of greater than 0.8W
is possible in a typical PCB mount application.
IRF7406PbF
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
VDSS = -30V
RDS(on) = 0.045Ω
Parameter
Max.
Units
ID @ TA = 25°C
10 Sec. Pulsed Drain Current, VGS @ -10V
-6.7
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-5.8
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
-3.7
IDM
Pulsed Drain Current 
-23
PD @TA = 25°C
Power Dissipation
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt ‚
-5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
10/7/04
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient„
–––
50
°C/W
www.irf.com
1
l
Lead-Free


Similar Part No. - IRF7406PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7406PBF IRF-IRF7406PBF Datasheet
215Kb / 8P
   Generation V Technology
IRF7406PBF IRF-IRF7406PBF Datasheet
240Kb / 9P
   ULTAR LOW ON RESISTANCE
IRF7406PBF-1 IRF-IRF7406PBF-1 Datasheet
237Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7406PBF-1 IRF-IRF7406PBF-1_15 Datasheet
237Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7406PBF IRF-IRF7406PBF_15 Datasheet
240Kb / 9P
   ULTAR LOW ON RESISTANCE
More results

Similar Description - IRF7406PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
   HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
   HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
   HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
   HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
   HEXFET짰Power MOSFET
IRLR8743PBF IRF-IRLR8743PBF Datasheet
369Kb / 11P
   HEXFET짰Power MOSFET
IRF9910PBF IRF-IRF9910PBF Datasheet
205Kb / 10P
   HEXFET짰Power MOSFET
IRF7316PBF IRF-IRF7316PBF Datasheet
203Kb / 7P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com