Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP-250250-4Z50-2 Datasheet(PDF) 1 Page - Anaren Microwave

Part # RFP-250250-4Z50-2
Description  Surface Mount Terminations 16 Watts, 50ohm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

RFP-250250-4Z50-2 Datasheet(HTML) 1 Page - Anaren Microwave

  RFP-250250-4Z50-2 Datasheet HTML 1Page - Anaren Microwave RFP-250250-4Z50-2 Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Specifications
Surface Mount Terminations
16 Watts, 50
Model RFP-250250-4Z50-2
Resistive Element:
Thick film
Substrate:
Beryllium oxide ceramic
Terminals:
Thick film silver
Outline Drawing
.040
.175
.037
.065
.120
.250
RF PAD
50
Z
RFP
HATCHED AREA INDICATES
LOCATION OF PROTECTIVE COATING
SIDE VIEW
BOTTOM VIEW
TOP VIEW
Notes: Tolerance is ±.010, unless otherwise specified. Operating
temperature is -55°C to +125°C (see chart). Designed to meet or
exceed applicable portions of MIL-E-5400. All dimensions are in
inches.
Specifications subject to change without notice.
Electrical Specifications
Resistance Value:
50 ohms, ±2%
Frequency Range:
DC - 3.0 GHz
Power:
16 Watts
V.S.W.R.:
1.25:1
Features
• DC - 3.0 GHz
• 16 Watts
• BeO Ceramic
• Non-Nichrome Resistive
Element
• Low VSWR
• 100% Tested
1
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
Available on Tape and Reel for Pick and Place Manufacturing.
VER. 12/5/01


Similar Part No. - RFP-250250-4Z50-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFP-250250-4AA ETC1-RFP-250250-4AA Datasheet
483Kb / 2P
   Surface Mount Attenuators 8 Watts
RFP-250250-4AA1 ETC1-RFP-250250-4AA1 Datasheet
483Kb / 2P
   Surface Mount Attenuators 8 Watts
RFP-250250-4AA10 ETC1-RFP-250250-4AA10 Datasheet
483Kb / 2P
   Surface Mount Attenuators 8 Watts
RFP-250250-4AA2 ETC1-RFP-250250-4AA2 Datasheet
483Kb / 2P
   Surface Mount Attenuators 8 Watts
RFP-250250-4AA20 ETC1-RFP-250250-4AA20 Datasheet
483Kb / 2P
   Surface Mount Attenuators 8 Watts
More results

Similar Description - RFP-250250-4Z50-2

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-250250-6Z50-2 ANAREN-RFP-250250-6Z50-2 Datasheet
515Kb / 2P
   Surface Mount Terminations 16 Watts, 50ohm
RFP-375375-6Z50-2 ANAREN-RFP-375375-6Z50-2 Datasheet
501Kb / 2P
   Surface Mount Terminations 30 Watts, 50ohm
RFP-250250N6Z50-2 ANAREN-RFP-250250N6Z50-2 Datasheet
519Kb / 2P
   Aluminum Nitride Terminations 16 Watts, 50ohm
RFP-050060-15X50-2 ANAREN-RFP-050060-15X50-2 Datasheet
498Kb / 2P
   Chip Terminations 4 Watts, 50ohm
RFP-250250-4X50-2 ANAREN-RFP-250250-4X50-2 Datasheet
504Kb / 2P
   Chip Terminations 40 Watts, 50ohm
RFP-375375-6X50-2 ANAREN-RFP-375375-6X50-2 Datasheet
503Kb / 2P
   Chip Terminations 300 Watts, 50ohm
RFP-050100-1X50-2 ANAREN-RFP-050100-1X50-2 Datasheet
498Kb / 2P
   Chip Terminations 5 Watts, 50ohm
RFP-250250A4X50 ANAREN-RFP-250250A4X50 Datasheet
531Kb / 2P
   Alumina Terminations 30 Watts, 50ohm
RFP-250375-4X50-2 ANAREN-RFP-250375-4X50-2 Datasheet
501Kb / 2P
   Chip Terminations 150 Watts, 50ohm
RFP-800-50T ANAREN-RFP-800-50T Datasheet
501Kb / 2P
   Flanged Terminations 800 Watts, 50ohm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com