Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8356A-KG Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # AD8356A-KG
Description  2.1-Channel Digital Audio Amplifier with Headphone Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD8356A-KG Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  AD8356A-KG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD8356A-KG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD8356A-KG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD8356A-KG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ESMT
AD8356A
Elite Semiconductor Memory Technology Inc.
Publication Date: May. 2007
Revision: 1.3
4/33
Functional Block Diagram
Available Package
Package Type
Device No.
θja(℃/W)
Ψjt(℃/W)
θjc(℃/W)
Exposed Thermal Pad
7x7 48L QFN
23.5
1.6
12.5
7x7 48L E-LQFP
AD8356A
23.8
1.8
15.8
Yes (Note3)
Note3:The thermal pad is at the bottom of package. To optimize the performance of thermal dissipation,
solder the thermal pad to PCB’s ground plane is suggested.


Similar Part No. - AD8356A-KG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD835 AD-AD835 Datasheet
200Kb / 8P
   250 MHz, Voltage Output 4-Quadrant Multiplier
REV. A
AD835 AD-AD835 Datasheet
237Kb / 16P
   250 MHz, Voltage Output,4-Quadrant Multiplier
Rev. D
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
More results

Similar Description - AD8356A-KG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD82550A ESMT-AD82550A Datasheet
186Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
AD82551A ESMT-AD82551A Datasheet
187Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
logo
Texas Instruments
TAS5721 TI1-TAS5721_17 Datasheet
1Mb / 78P
[Old version datasheet]   Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5721 TI-TAS5721_15 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5721 TI1-TAS5721 Datasheet
1Mb / 71P
[Old version datasheet]   Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
logo
Elite Semiconductor Mem...
AD8256A ESMT-AD8256A Datasheet
319Kb / 4P
   2x16W Stereo Digital Audio Amplifier with Headphone Driver
logo
Rohm
BA3578FS ROHM-BA3578FS Datasheet
227Kb / 11P
   Headphone driver for digital audio
logo
Elite Semiconductor Mem...
AD8258A ESMT-AD8258A Datasheet
208Kb / 3P
   Stereo/Mono Digital Audio Amplifier with Headphone Driver and SubWoofer Line-Out
logo
New Japan Radio
NJU8721 NJRC-NJU8721 Datasheet
172Kb / 13P
   CLASS D HEADPHONE AMPLIFIER FOR DIGITAL AUDIO
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
   2.1-channel high-efficiency digital audio system
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com