Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F25L004A-50PG Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L004A-50PG
Description  4Mbit (512Kx8) 3V Only Serial Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L004A-50PG Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  F25L004A-50PG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L004A-50PG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ESMT
F25L004A
Elite Semiconductor Memory Technology Inc.
Publication Date: Apr. 2007
Revision: 1.2
3/32
PIN Description
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing for serial input and
output operations
SI
Serial Data Input
To transfer commands, addresses or data
serially into the device.
Data is latched on the rising edge of SCK.
SO
Serial Data Output
To transfer data serially out of the device.
Data is shifted out on the falling edge of
SCK.
CE
Chip Enable
To activate the device when CE is low.
WP
Write Protect
The Write Protect ( WP ) pin is used to
enable/disable BPL bit in the status
register.
HOLD
Hold
To temporality stop serial communication
with SPI flash memory without resetting
the device.
VDD
Power Supply
To provide power.
VSS
Ground


Similar Part No. - F25L004A-50PG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L004A-50PG ESMT-F25L004A-50PG Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
More results

Similar Description - F25L004A-50PG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A Datasheet
369Kb / 31P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L008A ESMT-F25L008A Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L008A ESMT-F25L008A_1 Datasheet
368Kb / 30P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
logo
AMIC Technology
A25L040A AMICC-A25L040A Datasheet
653Kb / 45P
   4Mbit Low Voltage, Serial Flash Memory
A25P040 AMICC-A25P040 Datasheet
652Kb / 45P
   4Mbit Low Voltage, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com