Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F25L004A-100PAG Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L004A-100PAG
Description  4Mbit (512Kx8) 3V Only Serial Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L004A-100PAG Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  F25L004A-100PAG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PAG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PAG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PAG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PAG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PAG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PAG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PAG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L004A-100PAG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ESMT
F25L004A
Elite Semiconductor Memory Technology Inc.
Publication Date: Apr. 2007
Revision: 1.2
4/32
SECTOR STRUCTURE
Table1 : F25L004A Sector Address Table
Block Address
Block
Sector
Sector Size
(Kbytes)
Address range
A18
A17
A16
127
4KB
07F000H – 07FFFFH
:
:
:
7
112
4KB
070000H – 070FFFH
1
1
1
111
4KB
06F000H – 06FFFFH
:
:
:
6
96
4KB
060000H – 060FFFH
1
1
0
95
4KB
05F000H – 05FFFFH
:
:
:
5
80
4KB
050000H – 050FFFH
1
0
1
79
4KB
04F000H – 04FFFFH
:
:
:
4
64
4KB
040000H – 040FFFH
1
0
0
63
4KB
03F000H – 03FFFFH
:
:
:
3
48
4KB
030000H – 030FFFH
0
1
1
47
4KB
02F000H – 02FFFFH
:
:
:
2
32
4KB
020000H – 020FFFH
0
1
0
31
4KB
01F000H – 01FFFFH
:
:
:
1
16
4KB
010000H – 010FFFH
0
0
1
15
4KB
00F000H – 00FFFFH
:
:
:
0
0
4KB
000000H – 000FFFH
0
0
0


Similar Part No. - F25L004A-100PAG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L004A-100PAG ESMT-F25L004A-100PAG Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
More results

Similar Description - F25L004A-100PAG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A Datasheet
369Kb / 31P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L008A ESMT-F25L008A Datasheet
359Kb / 31P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
F25L008A ESMT-F25L008A_1 Datasheet
368Kb / 30P
   8Mbit (1Mx8) 3V Only Serial Flash Memory
logo
AMIC Technology
A25L040A AMICC-A25L040A Datasheet
653Kb / 45P
   4Mbit Low Voltage, Serial Flash Memory
A25P040 AMICC-A25P040 Datasheet
652Kb / 45P
   4Mbit Low Voltage, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com