Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF462 Datasheet(PDF) 1 Page - Power Semiconductors

Part # ARF462
Description  FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ARF462 Datasheet(HTML) 1 Page - Power Semiconductors

  ARF462 Datasheet HTML 1Page - Power Semiconductors ARF462 Datasheet HTML 2Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVERY DIODE
ARF462
FOR IGBT,IEGT,GCT APPLICATIONS
Repetitive voltage up to
4500 V
SNUBBERLESS OPERATION
Mean forward current
435 A
LOW LOSSES SOFT RECOVERY
Surge current
10 kA
TARGET SPECIFICATION
giu 00 - ISSUE : 02
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
125
4500
V
V RSM
Non-repetitive peak reverse voltage
125
4600
V
I RRM
Repetitive peak reverse current
V=VRRM
125
50
mA
V DC LINK
Permanent DC voltage
125
2500
V
CONDUCTING
I F (AV)
Mean forward current
180° sin ,50 Hz, Th=55°C, double side cooled
435
A
I F (AV)
Mean forward current
180° square,50 Hz,Th=55°C,double side cooled
440
A
I FSM
Surge forward current
Sine wave, 10 ms
125
10
kA
I² t
I² t
reapplied reverse voltage up to 50% VRSM
500 x1E3
A²s
V FM
Forward voltage
Forward current = 1800 A
25
5.22
V
V F(TO)
Threshold voltage
125
2.70
V
r F
Forward slope resistance
125
1.400
mohm
SWITCHING
Q rr
Reverse recovery charge
I F = 1000 A
di/dt=
250 A/µs
125
µC
I rr
Peak reverse recovery current
VR =
100 V
125
A
t rr
Reverse recovery time
I F = 1000 A
µs
Q rr
Reverse recovery charge
di/dt= 1000 A/µs
µC
I rr
Peak reverse recovery current
VR = 1800 V
125
A
s
Softness (s-factor), min
E OFF
Turn off energy dissipation
J
V FR
Peak forward recovery
di/dt=
400 A/µs
125
38
V
MOUNTING
R th(j-h)
Thermal impedance
Junction to heatsink, double side cooled
37
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
10
°C/kW
T j
Operating junction temperature
-30 / 125
°C
F
Mounting force
11.8 / 13.2
kN
Mass
300
g
ORDERING INFORMATION : ARF462 S 45
standard specification
VRRM/100
500
360
1150
900
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO
POSEICO SPA
Via N. Lorenzi 8, 16152 Genova - ITALY
Tel. +39 010 6556234 - Fax +39 010 6557519
Sales Office:
Tel. +39 010 6556775 - Fax +39 010 6442510


Similar Part No. - ARF462

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF462A ADPOW-ARF462A Datasheet
103Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
ARF462B ADPOW-ARF462B Datasheet
103Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - ARF462

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com