Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2674 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2674
Description  Dual Wideband, High Output Current Operational Amplifier with Current Limit
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2674 Datasheet(HTML) 4 Page - Texas Instruments

  OPA2674 Datasheet HTML 1Page - Texas Instruments OPA2674 Datasheet HTML 2Page - Texas Instruments OPA2674 Datasheet HTML 3Page - Texas Instruments OPA2674 Datasheet HTML 4Page - Texas Instruments OPA2674 Datasheet HTML 5Page - Texas Instruments OPA2674 Datasheet HTML 6Page - Texas Instruments OPA2674 Datasheet HTML 7Page - Texas Instruments OPA2674 Datasheet HTML 8Page - Texas Instruments OPA2674 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
OPA2674
SBOS270A − AUGUST 2003 − REVISED MAY 2006
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = ±6V (continued)
Boldface limits are tested at +25
°C.
At TA = +25°C, A1 = A0 = 1 (full power: for SO-14 only), G = +4, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 1 for AC performance only.
TEST
LEVEL
(3)
OPA2674ID, OPA2674I-14D
TEST
LEVEL
(3)
MIN/MAX OVER TEMPERATURE
TYP
PARAMETER
TEST
LEVEL
(3)
MIN/
MAX
UNITS
−40
°C to
+85
°C(2)
0
°C to
+70
°C(2)
+25
°C(1)
+25
°C
TEST CONDITIONS
Power Supply
Specified Operating Voltage
±6
V
typ
C
Maximum Operating Voltage
±6.3
±6.3
±6.3
V
max
A
Maximum Quiescent Current
VS = ±6V
18
18.6
18.8
19.2
mA
max
A
Minimum Quiescent Current
VS = ±6V
18
17.4
16.5
16.0
mA
min
A
Power-Supply Rejection Ratio (PSRR)
f = 100kHz, Input-Referred
56
51
49
48
dB
min
A
Power Supply (SO-14 Only)
Maximum Logic 0
A1, A0, +VS = +6V
2.5
2.0
1.8
1.5
V
max
A
Minimum Logic 1
A1, A0, +VS = +6V
3.3
3.6
4.0
4.2
V
min
A
Logic Input Current
A1 = 0V, A0 = 0V, Each Line
60
90
100
105
µA
max
A
Supply Current at Full Power
A1 = 1, A0 = 1 (logic levels)
18.0
18.6
18.8
19.2
mA
max
A
Supply Current at Power Cutback
A1 = 1, A0 = 0 (logic levels)
13.3
14.2
14.4
14.8
mA
max
A
Supply Current at Idle Power
A1 = 0, A0 = 1 (logic levels)
4.0
4.8
5.1
5.3
mA
max
A
Supply Current at Shutdown
A1 = 0, A0 = 0 (logic levels)
1.0
1.3
1.4
1.5
mA
max
A
Output Impedance in Idle Power
G = +4, f < 1MHz
0.1
typ
C
Output Impedance in Shutdown
100
 4
k
Ω pF
typ
C
Supply Current Step Time
10% to 90% Change
200
ns
typ
C
Output Switching Glitch
Inputs at GND
±20
mV
typ
C
Shutdown Isolation
G = +4, 1MHz, A1 = 0, A0 = 0
85
dB
typ
C
Thermal Characteristics
Specification: ID, I-14D
−40 to
+85
°C
Thermal Resistance,
qJA
ID
SO
-8
Junction
-to-Ambient
125
°C/W
typ
C
I-14D
SO-14
100
°C/W
typ
C
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +23°C at high temperature limit for over temperature
specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(4) Current is considered positive out of node. VCM is the input common-mode voltage.
(5) Tested < 3dB below minimum CMRR specification at ± CMIR limits.


Similar Part No. - OPA2674

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674 TI1-OPA2674 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI-OPA2674 Datasheet
2Mb / 39P
[Old version datasheet]   OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
REVISED SEPTEMBER 2022
logo
Burr-Brown (TI)
OPA2674I-14D BURR-BROWN-OPA2674I-14D Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674I-14D TI1-OPA2674I-14D Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
More results

Similar Description - OPA2674

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
[Old version datasheet]   Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
   WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com