Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3VDP411LSTZDE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3VDP411LSTZDE
Description  Digital Video Level Shifter for dual mode DP signals w/ inverting buffer for HPD signal
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LSTZDE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI3VDP411LSTZDE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
PS8906A
08/28/07
PI3VDP411LST
Digital Video Level Shifter for dual mode DP
signals w/ inverting buffer for HPD signal
Symbol
Parameter
Min
Nom
Max
Units Comments
VH
Single-ended
high level output
voltage
AVCC-10mV
AVCC
AVCC+10mV
V
AVCC is the DC termina-
tion voltage in the HDMI
or DVI Sink. AVCC is
nominally 3.3V
VL
Single-ended
low level output
voltage
AVCC-600mV AVCC-500mV AVCC-400mV
V
The open-drain output
pulls down from AVcc.
VSWING
Single-ended
output swing
voltage
450mV
500mV
600mV
V
Swing down from TMDS
termination voltage (3.3V
± 10%)
IOFF
Single-ended
current in high-Z
state
10
μA
Measured with
TMDS outputs pulled
up to AVCC Max
(3.6V)through 50
Ω resis-
tors.
TR
Rise time
125ps
0.4Tbit
ps
Max Rise/Fall time
@2.7Gbps = 148ps.
125ps = 148-15%
TF
Fall time
125ps
0.4Tbit
ps
Max Rise/Fall time
@2.7Gbps = 148ps.
125ps = 148-15%
TSKEW-INTRA Intra-pair
differential skew
30
ps
This differential skew
budget is in addition to
the skew presented be-
tween D+ and D- paired
input pins. HDMI revision
1.3 source allowable in-
tra-pair skew is 0.15Tbit.
TSKEW-INTER Inter-pair lane-
to-lane output
skew
100
ps
This lane-to-lane skew
budget is in addition to
skew between differential
input pairs
TJIT
Jitter added to
TMDS signals
25
ps
Jitter budget for TMDS
signals as they pass
through the level
shifter. 25ps = 0.056
Tbit at 2.25 Gb/s
TMDS Outputs
The level shifter's TMDS outputs are required to meet HMDI 1.3 specifications.
The HDMI 1.3 Specification is assumed to be the correct reference in instances where this document conflicts
with the HDMI 1.3 specification.
Table 6: Differential Output Characteristics for TMDS_OUT signals
07-0191


Similar Part No. - PI3VDP411LSTZDE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VDP411LS PERICOM-PI3VDP411LS Datasheet
439Kb / 11P
   Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
PI3VDP411LSA PERICOM-PI3VDP411LSA Datasheet
635Kb / 13P
   Dual Mode DisplayPort to DVI/HDMI Electrical bridge (Level Shifter)
logo
Diodes Incorporated
PI3VDP411LSR DIODES-PI3VDP411LSR Datasheet
616Kb / 10P
   Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
08/23/11
PI3VDP411LSRZBE DIODES-PI3VDP411LSRZBE Datasheet
616Kb / 10P
   Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
08/23/11
logo
Pericom Semiconductor C...
PI3VDP411LSZBE PERICOM-PI3VDP411LSZBE Datasheet
594Kb / 13P
   Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
More results

Similar Description - PI3VDP411LSTZDE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3300A NXP-PTN3300A Datasheet
133Kb / 23P
   DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
PTN3360A NXP-PTN3360A Datasheet
395Kb / 21P
   Enhanced performance HDMI/DVI level shifter with inverting HPD
Rev. 02-8 October 2009
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_16 Datasheet
81Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter
July, 2016 ??Rev. 18
NL17SHT04 ONSEMI-NL17SHT04 Datasheet
103Kb / 5P
   Inverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT04DT1G ONSEMI-MC74VHC1GT04DT1G Datasheet
127Kb / 6P
   Inverting Buffer CMOS Logic Level Shifter
February, 2013 ??Rev. 16
MC74VHC1GT04 ONSEMI-MC74VHC1GT04 Datasheet
186Kb / 8P
   Inverting Buffer/CMOS Logic Level Shifter
November, 1999 ??Rev. 1
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Chrontel, Inc.
CH7530A CHRONTEL-CH7530A Datasheet
211Kb / 7P
   CH7530A DP Level Shifter
Rev 1.3
logo
Pericom Semiconductor C...
PI3VST01 PERICOM-PI3VST01 Datasheet
740Kb / 7P
   HPD signal Generator for VGA
logo
Keysight Technologies
N7623B KEYSIGHT-N7623B Datasheet
1Mb / 12P
   Signal Studio for Digital Video
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com