Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2674ID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2674ID
Description  Dual Wideband, High Output Current Operational Amplifier with Current Limit
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2674ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2674ID Datasheet HTML 7Page - Texas Instruments OPA2674ID Datasheet HTML 8Page - Texas Instruments OPA2674ID Datasheet HTML 9Page - Texas Instruments OPA2674ID Datasheet HTML 10Page - Texas Instruments OPA2674ID Datasheet HTML 11Page - Texas Instruments OPA2674ID Datasheet HTML 12Page - Texas Instruments OPA2674ID Datasheet HTML 13Page - Texas Instruments OPA2674ID Datasheet HTML 14Page - Texas Instruments OPA2674ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
OPA2674
SBOS270A − AUGUST 2003 − REVISED MAY 2006
www.ti.com
11
TYPICAL CHARACTERISTICS: VS = ±6V (continued)
At TA = +25°C, G = +4, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
16
12
8
4
0
−4
−8
−12
−16
NONINVERTING OVERDRIVE RECOVERY
Time (25ns/div)
4
3
2
1
0
−1
−2
−3
−4
G= +4
R
L =100Ω
See Figure 1
Input
Output
16
12
8
4
0
−4
−8
−12
−16
INVERTING OVERDRIVE RECOVERY
Time (25ns/div)
4
3
2
1
0
−1
−2
−3
−4
Input
Output
G=
−4
R
L =100Ω
SeeFigure2
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
_C)
−50
14
12
10
8
6
4
2
0
−2
−4
−6
−8
−10
−12
−14
−25
0
25
50
75
100
125
Noninverting Bias Current
Input Offset Voltage
Inverting Bias Current
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Temperature (
_C)
−50
750
700
650
600
550
500
450
400
350
300
250
−25
0
25
50
75
100
125
20
18
16
14
12
10
8
6
4
2
0
Sourcing Output Current
Sinking Output Current
Supply Current, Full Power
Supply Current, Power Cutback
Supply Current, Idle Power
COMMON−MODE INPUT VOLTAGE RANGE
AND OUTPUT SWING vs SUPPLY VOLTAGE
Supply Voltage (
±V)
23
4
5
6
5
4
3
2
1
0
6
Negative Output Swing
Negative Common−Mode Input Voltage
Positive Common−Mode Input Voltage
Positive Output Swing


Similar Part No. - OPA2674ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2674ID BURR-BROWN-OPA2674ID Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674ID TI1-OPA2674ID Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674IDG4 TI1-OPA2674IDG4 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674IDR BURR-BROWN-OPA2674IDR Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674IDR TI1-OPA2674IDR Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
More results

Similar Description - OPA2674ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
[Old version datasheet]   Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
   WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com