Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F49L004UA Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L004UA
Description  4 Mbit (512K x 8) 3V Only CMOS Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L004UA Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  F49L004UA Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F49L004UA Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F49L004UA Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F49L004UA Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F49L004UA Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F49L004UA Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L004UA Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L004UA Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L004UA Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
EFST
preliminary
F49L004UA / F49L004BA
Elite Flash Storage Technology Inc.
Publication Date : Aug. 2003
Revision: 0.2
3/46
5. SECTOR STRUCTURE
Table 1: F49L004UA Sector Address Table
Sector Address
Sector
Sector Size
(Kbytes)
Address range
A18
A17
A16
A15
A14
A13
SA10
16
7C000H-7FFFFH
1111
1
X
SA9
8
7A000H-7BFFFH
1111
01
SA8
8
78000H-79FFFH
1111
00
SA7
32
70000H-77FFFH
1110
X
X
SA6
64
60000H-6FFFFH
1
1
0
X
X
X
SA5
64
50000H-5FFFFH
1
0
1
X
X
X
SA4
64
40000H-4FFFFH
1
0
0
X
X
X
SA3
64
30000H-3FFFFH
0
1
1
X
X
X
SA2
64
20000H-2FFFFH
0
1
0
X
X
X
SA1
64
10000H-1FFFFH
0
0
1
X
X
X
SA0
64
00000H-0FFFFH
0
0
0
X
X
X
Table 2: F49L004BA Sector Address Table
Sector Address
Sector
Sector Size
(Kbytes)
Address range
A18
A17
A16
A15
A14
A13
SA10
64
70000H-7FFFFH
1
1
1
X
X
X
SA9
64
60000H-6FFFFH
1
1
0
X
X
X
SA8
64
50000H-5FFFFH
1
0
1
X
X
X
SA7
64
40000H-4FFFFH
1
0
0
X
X
X
SA6
64
30000H-3FFFFH
0
1
1
X
X
X
SA5
64
20000H-2FFFFH
0
1
0
X
X
X
SA4
64
10000H-1FFFFH
0
0
1
X
X
X
SA3
32
08000H-0FFFFH
0001
X
X
SA2
8
06000H-07FFFH
000011
SA1
8
04000H-05FFFH
000010
SA0
16
00000H-03FFFH
00000
X


Similar Part No. - F49L004UA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A-90N ESMT-F49L040A-90N Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A-90T ESMT-F49L040A-90T Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
More results

Similar Description - F49L004UA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_08 Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_1 Datasheet
473Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com