Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC423 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC423
Description  High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC423 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74HC423 Datasheet HTML 4Page - Texas Instruments CD74HC423 Datasheet HTML 5Page - Texas Instruments CD74HC423 Datasheet HTML 6Page - Texas Instruments CD74HC423 Datasheet HTML 7Page - Texas Instruments CD74HC423 Datasheet HTML 8Page - Texas Instruments CD74HC423 Datasheet HTML 9Page - Texas Instruments CD74HC423 Datasheet HTML 10Page - Texas Instruments CD74HC423 Datasheet HTML 11Page - Texas Instruments CD74HC423 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Test Circuits and Waveforms
FIGURE 1. OUTPUT PULSE CONTROL USING RESET INPUT
(R) PULSE FOR 123
FIGURE 2. OUTPUT PULSE CONTROL USING RESET INPUT
(R) FOR 423
FIGURE 3. TRIGGERING OF ONE SHOT BY INPUT A OR INPUT B FOR A PERIOD tW
FIGURE 4. TYPICAL OUTPUT PULSE WIDTH AS A FUNCTION
OF CX FOR RX = 10kΩ AND 100kΩ
FIGURE 5. TYPICAL “K” FACTOR AS A FUNCTION OF VCC
B = LOW
A = HIGH
tW
tW
VS
VS
Q
R
B
A
tW
tW
A
B
R
B = LOW
A = HIGH
Q
tW
VS
VS
tW
tW
A
B
B
A
Q
trT
(R = HIGH)
tW
tW
tW
tW
NOTE: Output pulse control using retrigger pulse for 123 and 423.
VS
2
4
6
8
103
102
101
2
4
6
8
2
4
6
8
2
4
6
8
EXTERNAL CAPACITANCE (CX) - pF
24 6 8
103
104
2
4 68
2
4 68
2
4 68
105
106
107
R X
=
100k
R X
=
10k
DC SUPPLY VOLTAGE (VCC) = 5V
AMBIENT TEMPERATURE (TA) = 25
oC
EXTERNAL CAPACITANCE (CX) = 10nF
EXTERNAL RESISTANCE (RX) = 10kΩ TO 100kΩ
AMBIENT TEMPERATURE (TA) = 25
oC
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
12
3
4
5
6
7
8
9
10
11
HCT
DC SUPPLY VOLTAGE (VCC) - VOLTS


Similar Part No. - CD74HC423

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC423 TI-CD74HC423 Datasheet
56Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HC423 TI-CD74HC423 Datasheet
363Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Harris Corporation
CD74HC423 HARRIS-CD74HC423 Datasheet
33Kb / 7P
   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Texas Instruments
CD74HC423 TI-CD74HC423 Datasheet
359Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HC423 TI-CD74HC423 Datasheet
541Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
More results

Similar Description - CD74HC423

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC123 TI-CD54HC123 Datasheet
363Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HC123 TI-CD74HC123 Datasheet
56Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123 TI-CD54HC123_06 Datasheet
359Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123 TI-CD54HC123_08 Datasheet
541Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Harris Corporation
CD74HC123 HARRIS-CD74HC123 Datasheet
33Kb / 7P
   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com