Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC4245A Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74LVC4245A
Description  OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC4245A Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC4245A_07 Datasheet HTML 5Page - Texas Instruments SN74LVC4245A_07 Datasheet HTML 6Page - Texas Instruments SN74LVC4245A_07 Datasheet HTML 7Page - Texas Instruments SN74LVC4245A_07 Datasheet HTML 8Page - Texas Instruments SN74LVC4245A_07 Datasheet HTML 9Page - Texas Instruments SN74LVC4245A_07 Datasheet HTML 10Page - Texas Instruments SN74LVC4245A_07 Datasheet HTML 11Page - Texas Instruments SN74LVC4245A_07 Datasheet HTML 12Page - Texas Instruments SN74LVC4245A_07 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-May-2007
Addendum-Page 2


Similar Part No. - SN74LVC4245A_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC4245A TI-SN74LVC4245A_08 Datasheet
404Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC4245A_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC4245A TI-SN74LVC4245A Datasheet
215Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A_08 Datasheet
404Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A-EP TI1-SN74LVC4245A-EP_15 Datasheet
513Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A-EP TI-SN74LVC4245A-EP Datasheet
201Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC4245A RENESAS-HD74LVC4245A Datasheet
110Kb / 11P
   Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
HD74LVC4245A RENESAS-HD74LVC4245A_05 Datasheet
92Kb / 9P
   Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
HD74LVC4245A RENESAS-HD74LVC4245A_15 Datasheet
118Kb / 11P
   Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
logo
Diodes Incorporated
74LVT245BB DIODES-74LVT245BB Datasheet
495Kb / 10P
   3.3 V OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS
June 2016
logo
Texas Instruments
SN74LV8T245 TI-SN74LV8T245_V02 Datasheet
1Mb / 31P
[Old version datasheet]   SN74LV8T245 1.65 V to 5 V, Octal Bus Transceiver With 3-State Outputs and Logic Level Shifter
REVISED APRIL 2023
SN74LV8T245 TI-SN74LV8T245_V01 Datasheet
1Mb / 26P
[Old version datasheet]   SN74LV8T245 1.65 V to 5 V, Octal Bus Transceiver With 3-State Outputs and Logic Level Shifter
REVISED APRIL 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com