Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12L64322A-6TG Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L64322A-6TG
Description  512K x 32 Bit x 4 Banks Synchronous DRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L64322A-6TG Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L64322A-6TG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
ESMT
M12L64322A
Elite Semiconductor Memory Technology Inc.
Publication Date: Mar. 2007
Revision: 2.3
9/47
FREQUENCY vs. AC PARAMETER RELATIONSHIP TABLE
M12L64322A-5TG
(Unit : number of clock)
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
Frequency
CAS
Latency
55ns
40ns
15ns
10ns
15ns
5ns
5ns
10ns
200 MHZ(5.0ns )
3
11
8
3
2
3
1
1
2
166 MHZ(6.0ns )
3
10
7
3
2
3
1
1
2
143 MHZ(7.0ns )
3
8
6
3
2
3
1
1
2
125 MHZ(8.0ns )
2
7
5
2
2
2
1
1
2
100 MHZ(10.4ns )
2
6
4
2
1
2
1
1
1
M12L64322A-6TG
(Unit : number of clock)
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
Frequency
CAS
Latency
60ns
42ns
18ns
12ns
18ns
6ns
6ns
12ns
166 MHZ(6.0ns )
3
10
7
3
2
3
1
1
2
143 MHZ(7.0ns )
3
9
6
3
2
3
1
1
2
125 MHZ(8.0ns )
2
9
6
3
2
3
1
1
2
100 MHZ(10.0ns )
2
7
5
2
2
2
1
1
1
83 MHZ(12.0ns )
2
6
4
2
1
2
1
1
1
M12L64322A-7TG
(Unit : number of clock)
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
Frequency
CAS
Latency
63ns
42ns
20ns
14ns
18ns
7ns
7ns
14ns
143 MHZ(7.0ns )
3
9
6
3
2
3
1
1
2
125 MHZ(8.0ns )
3
9
6
3
2
3
1
1
2
100 MHZ(10.0ns )
2
7
5
2
2
2
1
1
1
83 MHZ(12.0ns )
2
6
4
2
2
2
1
1
1
75 MHZ(13.4ns )
2
6
4
2
2
2
1
1
1


Similar Part No. - M12L64322A-6TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64322A-6TG ESMT-M12L64322A-6TG Datasheet
790Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A-6TG2U ESMT-M12L64322A-6TG2U Datasheet
811Kb / 46P
   512K x 32 Bit x 4 Banks
More results

Similar Description - M12L64322A-6TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A Datasheet
813Kb / 44P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L1632 AMICC-A43L1632 Datasheet
1Mb / 43P
   512K X 32 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6632A4A A-DATA-VDS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A_09 Datasheet
759Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_08 Datasheet
790Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M52L64322A ESMT-M52L64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS6632A4A A-DATA-ADS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M52D64322A ESMT-M52D64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com