Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


IRF3710SPBF Datasheet(PDF) 1 Page - International Rectifier

Part No. IRF3710SPBF
Description  HEXFET® Power MOSFET ( VDSS = 100V , RDS(on) = 23mΩ , ID = 57A )
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

 
 1 page
background image
IRF3710SPbF
IRF3710LPbF
HEXFET® Power MOSFET
9/16/04
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
°C/W
RθJA
Junction-to-Ambient (PCB Mounted,steady-state)**
–––
40
Thermal Resistance
www.irf.com
1
VDSS = 100V
RDS(on) = 23mΩ
ID = 57A
S
D
G
Advanced HEXFET® Power MOSFETs from International Rectifier utilize
advanced processing techniques to achieve extremely low on-resistance per
silicon area. This benefit, combined with the fast switching speed and
ruggedized device design that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient and reliable device for use in
a wide variety of applications.
The D2Pak is a surface mount power package capable of accommodating die
sizes up to HEX-4. It provides the highest power capability and the lowest
possible on-resistance in any existing surface mount package. The D2Pak is
suitable for high current applications because of its low internal connection
resistance and can dissipate up to 2.0W in a typical surface mount application.
The through-hole version (IRF3710L) is available for low-profile applications.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Lead-Free
Description
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
‡
57
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
‡
40
A
IDM
Pulsed Drain Current
‡
180
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

28
A
EAR
Repetitive Avalanche Energy

20
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ‡
5.8
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
PD - 95108
D2Pak
IRF3710SPbF
TO-262
IRF3710LPbF




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRFP3710PBFHEXFET POWER MOSFET VDSS = 100V RDS on = 0.025Ω ID = 57A 1 2 3 4 5 MoreInternational Rectifier
IRF7342PBFHEXFET® Power MOSFET VDSS = -55V RDS on = 0.105Ω 1 2 3 4 5 MoreInternational Rectifier
IRFR120PBFHEXFET POWER MOSFET VDSS = 100V RDS on = 0.27Ω ID = 7.7A 1 2 3 4 5 MoreInternational Rectifier
IRL2910PBFHEXFET POWER MOSFET VDSS = 100V RDS on = 0.026Ω ID = 55A 1 2 3 4 5 MoreInternational Rectifier
IRF1407SPBFHEXFET® Power MOSFET VDSS = 75V RDS on = 0.0078Ω ID = 100A 1 2 3 4 5 MoreInternational Rectifier
IRFR2905ZPBFHEXFET® Power MOSFET VDSS = 55V RDS on = 14.5mΩ ID = 42A 1 2 3 4 5 MoreInternational Rectifier
IRFR4104PBFHEXFET® Power MOSFET VDSS = 40V RDS on = 5.5mΩ ID = 42A 1 2 3 4 5 MoreInternational Rectifier
IRL640PBFHEXFET Power MOSFET VDSS = 200V RDS on = 0.18Ω ID = 17A 1 2 3 4 5 MoreInternational Rectifier
IRFD224PBFHEXFET POWER MOSFET VDSS = 250V RDS on = 1.1Ω ID = 0.63A 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl