Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12S64322A-6TG Datasheet(PDF) 8 Page - Elite Semiconductor Memory Technology Inc.

Part # M12S64322A-6TG
Description  512K x 32 Bit x 4 Banks Synchronous DRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12S64322A-6TG Datasheet(HTML) 8 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12S64322A-6TG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12S64322A-6TG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12S64322A-6TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12S64322A-6TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12S64322A-6TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12S64322A-6TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12S64322A-6TG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12S64322A-6TG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M12S64322A-6TG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
ESMT
M12S64322A
Elite Semiconductor Memory Technology Inc.
Publication Date: May. 2007
Revision: 1.0
8/46
Version
Parameter
Symbol
-6
-7
Unit
Note
Col. address to col. address delay
tCCD(min)
1
CLK
3
CAS latency = 3
2
Number of valid
Output data
CAS latency = 2
1
ea
4
Note : 1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then
rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
AC CHARACTERISTICS
(AC operating condition unless otherwise noted)
-6
-7
Parameter
Symbol
Min
Max
Min
Max
Unit
Note
CAS latency = 3
6
7
CLK cycle time
CAS latency = 2
tCC
10
1000
10
1000
ns
1
CAS latency = 3
5.5
6
CLK to valid
output delay
CAS latency = 2
tSAC
6
6
ns
1,2
CAS latency = 3
2
2
Output data
hold time
CAS latency = 2
tOH
2
2
ns
2
CLK high pulsh width
tCH
2.5
2.5
ns
3
CLK low pulsh width
tCL
2.5
2.5
ns
3
Input setup time
tSS
1.5
2
ns
3
Input hold time
tSH
1
1
ns
3
CLK to output in Low-Z
tSLZ
1
1
ns
2
CAS latency = 3
5.5
6
CLK to output
in Hi-Z
CAS latency = 2
tSHZ
6
6
ns
Note :
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns. (tr/2 - 0.5) ns should be considered.
3. Assumed input rise and fall time (tr & tf) =1ns.
If tr & tf is longer than 1ns. transient time compensation should be considered.
i.e., [(tr + tf)/2 – 1] ns should be added to the parameter.


Similar Part No. - M12S64322A-6TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S64322A-6TG ESMT-M12S64322A-6TG Datasheet
759Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12S64322A-6TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A Datasheet
813Kb / 44P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_07 Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L1632 AMICC-A43L1632 Datasheet
1Mb / 43P
   512K X 32 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6632A4A A-DATA-VDS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A_09 Datasheet
759Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_08 Datasheet
790Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M52L64322A ESMT-M52L64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS6632A4A A-DATA-ADS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M52D64322A ESMT-M52D64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com