Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2376AID Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2376AID
Description  Precision, Low Noise, Low Quiescent Current, Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2376AID Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA2376AID Datasheet HTML 6Page - Burr-Brown (TI) OPA2376AID Datasheet HTML 7Page - Burr-Brown (TI) OPA2376AID Datasheet HTML 8Page - Burr-Brown (TI) OPA2376AID Datasheet HTML 9Page - Burr-Brown (TI) OPA2376AID Datasheet HTML 10Page - Burr-Brown (TI) OPA2376AID Datasheet HTML 11Page - Burr-Brown (TI) OPA2376AID Datasheet HTML 12Page - Burr-Brown (TI) OPA2376AID Datasheet HTML 13Page - Burr-Brown (TI) OPA2376AID Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
APPLICATION INFORMATION
OPERATING CHARACTERISTICS
COMMON-MODE VOLTAGE RANGE
GENERAL LAYOUT GUIDELINES
BASIC AMPLIFIER CONFIGURATIONS
-
0.5
3
2
1
0
-
1
-
2
-
3
Common-Mode(V)
6.0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
+
V
-
V
INPUT AND ESD PROTECTION
C
1
100nF
R
2
10kW
R
1
1kW
+5V
V
OUT
V
IN
V
=2.5V
CM
OPA376
5kW
OPA376
10mAmax
V+
V
IN
V
OUT
I
OVERLOAD
OPA376
OPA2376
OPA4376
SBOS406B – JUNE 2007 – REVISED SEPTEMBER 2007
The OPA376 family of amplifiers has parameters that
The input common-mode voltage range of the
are fully specified from +2.2V to +5.5V. Many of the
OPA376 series extends 100mV beyond the supply
specifications
apply
from
–40
°C to +125°C.
rails. The offset voltage of the amplifier is very low,
Parameters that can exhibit significant variance with
from approximately (V–) to (V+) – 1V, as shown in
regard to operating voltage or temperature are
Figure
23.
The
offset
voltage
increases
as
presented in the Typical Characteristics.
common-mode
voltage
exceeds
(V+)
–1V.
Common-mode rejection is specified from (V–) to
(V+) – 1.3V.
For best operational performance of the device, good
printed circuit board (PCB) layout practices are
required. Low-loss, 0.1
μF bypass capacitors must be
connected between each supply pin and ground as
close to the device as possible. A single bypass
capacitor
from
V+
to
ground
is
applicable
to
single-supply applications.
The OPA376 family is unity-gain stable. It does not
exhibit output phase inversion when the input is
overdriven. A typical single-supply connection is
shown in Figure 22. The OPA376 is configured as a
basic inverting amplifier with a gain of –10V/V. This
single-supply connection has an output centered on
the common-mode voltage, VCM. For the circuit
Figure 23. Offset and Common-Mode Voltage
shown, this voltage is 2.5V, but may be any value
within the common-mode input voltage range.
The OPA376 family incorporate internal electrostatic
discharge (ESD) protection circuits on all pins. In the
case of input and output pins, this protection primarily
consists
of
current
steering
diodes
connected
between the input and power-supply pins. These ESD
protection
diodes
also
provide
in-circuit,
input
overdrive protection, provided that the current is
limited to 10mA as stated in the Absolute Maximum
Ratings. Figure 24 shows how a series input resistor
may be added to the driven input to limit the input
current. The added resistor contributes thermal noise
at the amplifier input and its value should be kept to a
minimum in noise-sensitive applications.
Figure 22. Basic Single-Supply Connection
Figure 24. Input Current Protection
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA376 OPA2376 OPA4376


Similar Part No. - OPA2376AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2376AID TI-OPA2376AID Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA2376AID TI1-OPA2376AID Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA2376AIDG4 TI-OPA2376AIDG4 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA2376AIDG4 TI1-OPA2376AIDG4 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA2376AIDGKR TI-OPA2376AIDGKR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
More results

Similar Description - OPA2376AID

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com