Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KYZ35A4 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # KYZ35A4
Description  Silicon-Press-Fit-Diodes - High Temperature Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KYZ35A4 Datasheet(HTML) 1 Page - Diotec Semiconductor

  KYZ35A4 Datasheet HTML 1Page - Diotec Semiconductor KYZ35A4 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KYZ35A05 ... KYZ35A6, KYZ35K05 ... KYZ35K6
KYZ35A05 ... KYZ35A6, KYZ35K05 ... KYZ35K6
Silicon-Press-Fit-Diodes – High Temperature Diodes
Silizium-Einpress-Dioden – Hochtemperatur-Dioden
Version 2006-04-22
Dimensions - Maße [mm]
Nominal Current
Nennstrom
35 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50 ... 600 V
Metal press-fit case with glass seal
Metall-Einpressgehäuse mit Glas-Durchführung
Weight approx. – Gewicht ca.
10 g
Compound has classification UL94V-0
Vergussmasse nach UL94V-0 klassifiziert
Standard packaging: bulk
Standard Lieferform: lose im Karton
Maximum ratings
Grenzwerte
Type / Typ
Wire to / Draht an
Anode
Cathode
Repetive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
KYZ35A05
KYZ35K05
50
60
KYZ35A1
KYZ35K1
100
120
KYZ35A2
KYZ35K2
200
240
KYZ35A3
KYZ35K3
300
360
KYZ35A4
KYZ35K4
400
480
KYZ35A6
KYZ35K6
600
700
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 100°C
IFAV
35 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
130 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
360/400 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
660 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
1
Max. case temperature TC = 150°C – Max. Gehäusetemperatur TC = 150°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø
±0.5
16
Ø
±0.04
12.77


Similar Part No. - KYZ35A4

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KYZ35A4 DIOTEC-KYZ35A4 Datasheet
179Kb / 2P
   Silicon Press-Fit-Diodes
logo
Semikron International
KYZ35A4 SEMIKRON-KYZ35A4 Datasheet
243Kb / 2P
   Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
KYZ35A4 DIOTEC-KYZ35A4 Datasheet
150Kb / 2P
   Standard Recovery Press-fit Rectifier Diodes
More results

Similar Description - KYZ35A4

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KYW35A05 DIOTEC-KYW35A05_07 Datasheet
68Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
BYP25A05 DIOTEC-BYP25A05 Datasheet
71Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
BYP35A05 DIOTEC-BYP35A05_07 Datasheet
72Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
BYP60A05 DIOTEC-BYP60A05_07 Datasheet
72Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
BYP25A05 DIOTEC-BYP25A05_14 Datasheet
109Kb / 2P
   Silicon-Press-Fit-Diodes ??High Temperature Diodes
BYP25A05 DIOTEC-BYP25A05 Datasheet
191Kb / 2P
   Silicon Press-Fit-Diodes High-temperature diodes
BYP60A05 DIOTEC-BYP60A05 Datasheet
181Kb / 2P
   Silicon Press-Fit-Diodes High-temperature diodes
BYP35A05 DIOTEC-BYP35A05_14 Datasheet
109Kb / 2P
   Silicon-Press-Fit-Diodes ??High Temperature Diodes
KYW25A05 DIOTEC-KYW25A05_07 Datasheet
68Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
logo
Semikron International
KYW35A05 SEMIKRON-KYW35A05_06 Datasheet
251Kb / 2P
   Silicon Press-Fit-Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com