Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M13S128168A-7.5AB Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S128168A-7.5AB
Description  2M x 16 Bit x 4 Banks Double Data Rate SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S128168A-7.5AB Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  M13S128168A-7.5AB Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M13S128168A-7.5AB Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13S128168A-7.5AB Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S128168A-7.5AB Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S128168A-7.5AB Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S128168A-7.5AB Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S128168A-7.5AB Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S128168A-7.5AB Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S128168A-7.5AB Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
ESMT
M13S128168A
Elite Semiconductor Memory Technology Inc.
Publication Date : Jun. 2007
Revision : 1.8
2/49
DDR SDRAM
2M x 16 Bit x 4 Banks
Double Data Rate SDRAM
Features
JEDEC Standard
Internal pipelined double-data-rate architecture, two data access per clock cycle
Bi-directional data strobe (DQS)
On-chip DLL
Differential clock inputs (CLK and CLK )
DLL aligns DQ and DQS transition with CLK transition
Quad bank operation
CAS Latency : 3
Burst Type : Sequential and Interleave
Burst Length : 2, 4, 8
All inputs except data & DM are sampled at the rising edge of the system clock(CLK)
Data I/O transitions on both edges of data strobe (DQS)
DQS is edge-aligned with data for reads; center-aligned with data for WRITE
Data mask (DM) for write masking only
VDD = 2.375V ~ 2.75V, VDDQ = 2.375V ~ 2.75V
Auto & Self refresh
15.6us refresh interval (64ms refresh period, 4K cycle)
SSTL-2 I/O interface
66pin TSOPII package
Ordering information :
PRODUCT NO.
MAX FREQ
VDD
PACKAGE
COMMENTS
M13S128168A -5TG
200MHz
Pb-free
M13S128168A -6TG
166MHz
2.5V
TSOPII
Pb-free
M13S128168A -5BG
200MHz
Pb-free
M13S128168A -6BG
166MHz
2.5V
BGA
Pb-free


Similar Part No. - M13S128168A-7.5AB

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128168A-2N ESMT-M13S128168A-2N Datasheet
720Kb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13S128168A-4BG ESMT-M13S128168A-4BG Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A-4TG ESMT-M13S128168A-4TG Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A-5BG ESMT-M13S128168A-5BG Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A-5BIG ESMT-M13S128168A-5BIG Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S128168A-7.5AB

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128168A ESMT-M13S128168A_08 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_1 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S256328A ESMT-M13S256328A Datasheet
786Kb / 47P
   2M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_1 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S5121632A ESMT-M13S5121632A Datasheet
971Kb / 47P
   8M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com